Electronic Components Datasheet Search
  English  ▼

X  

55PC Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 2Page - TE Connectivity Ltd 55PC Datasheet HTML 3Page - TE Connectivity Ltd 55PC Datasheet HTML 4Page - TE Connectivity Ltd 55PC Datasheet HTML 5Page - TE Connectivity Ltd 55PC Datasheet HTML 6Page - TE Connectivity Ltd 55PC Datasheet HTML 7Page - TE Connectivity Ltd 55PC Datasheet HTML 8Page - TE Connectivity Ltd 55PC Datasheet HTML 9Page - TE Connectivity Ltd 55PC Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Page 6 of 18
SPECIFICATION 55PC, ISSUE 8
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
3.2.3
Crosslinked Verification (Crosslinking Proof Test)
When finished wire is tested in accordance with 4.6.5.1, the insulation shall not crack or fail
dielectrically. When finished cable is tested in accordance with 4.6.5.2, the jacket shall not
crack or, if shielded and jacketed, fail dielectrically.
3.2.4
Dielectric Withstand
One hundred percent of finished cable shall pass the dielectric withstand test with an
application time of 15 to 30 seconds, without breakdown, using the voltage specified in the
applicable SCD.
3.2.5
Identification and Color Striping Durability
There shall be no discontinuity of identification mark or color stripe after subjecting the mark
or stripe to the number of cycles and the test load specified in the applicable SCD.
Additionally, stripes shall not flake or crack when the finished wire, or component wire prior
to cabling, is wound back on itself.
3.2.6
Identification of Product
When specified by the procuring activity, finished wire or cable shall be identified by a
marking applied to the outer surface. The identification shall consist of the appropriate mark
as specified by the contract or the applicable SCD. The mark color shall be in accordance
with MIL-STD-104, Class 1, and shall be contrasting to that of the marking surface.
Identification shall be applied with the vertical axis of the printed characters parallel to the
longitudinal axis of the wire or cable when the nominal diameter of the marking surface is
0.050 inch (1.3 mm) or smaller. The vertical axis of the printed characters may be either
perpendicular or parallel to the longitudinal axis of the wire or cable when the nominal
diameter of the marking surface exceeds 0.050 inch (1.3 mm).
3.2.7
Insulation or Jacket Concentricity
The concentricity of the total wire insulation, or cable jacket, shall be 70 percent, minimum.
3.2.8
Insulation or Jacket Elongation
When finished wire or cable is tested in accordance with 4.6.9, the elongation of the total wire
insulation (for dual-walled insulations, both layers pulled together as a unit), or the cable
jacket, shall be 50 percent, minimum.
3.2.9
Insulation or Jacket Flaws
One hundred percent of finished wire, unshielded and unjacketed cable, and shielded and
jacketed cable shall pass the impulse dielectric test or the spark test specified in 4.6.10 using
the voltage specified in the applicable SCD. Testing shall be performed during the final
winding of the wire or cable on shipment spools or reels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com