Electronic Components Datasheet Search
  English  ▼

X  

55PC Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 4Page - TE Connectivity Ltd 55PC Datasheet HTML 5Page - TE Connectivity Ltd 55PC Datasheet HTML 6Page - TE Connectivity Ltd 55PC Datasheet HTML 7Page - TE Connectivity Ltd 55PC Datasheet HTML 8Page - TE Connectivity Ltd 55PC Datasheet HTML 9Page - TE Connectivity Ltd 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd 55PC Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Page 8 of 18
SPECIFICATION 55PC, ISSUE 8
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
3.3.4
Insulation Resistance
When finished wire is tested in accordance with 4.6.11, the insulation resistance of the
finished wire shall be 5000 megohms for 1000 feet (1524 M
-1km), minimum.
3.3.5
Low Temperature-Cold Bend
When finished wire or cable is tested in accordance with 4.6.12, there shall be no insulation or
jacket cracking, and no dielectric breakdown.
4.
QUALITY ASSURANCE PROVISIONS
4.1
QUALITY ASSURANCE SYSTEM
This section defines the Quality Assurance system that is used to assure that all products
manufactured in accordance with this specification meet all applicable requirements.
4.2
QUALIFICATION INSPECTION
Qualification inspection shall consist of meeting all characteristics listed in Table 1, as
applicable to finished wire or cable. Requalification testing shall be performed any time
changes in materials or processes occur that are deemed to have the potential for significantly
altering the form, fit, function, or appearance of the product.
4.3
QUALITY CONFORMANCE INSPECTION
Quality conformance inspection shall consist of all material specific and process specific
characteristics, represented by the codes "M", "P" and "P100" in Table 3. Quality
conformance inspection shall be performed on every lot of wire or cable procured under this
specification, unless documentation of a statistical nature provides evidence that reduced
inspection is warranted.
4.3.1
Sampling for Quality Conformance Inspection
MIL-STD-1916, inspection level S-3, AQL 1.5 percent, normal inspection, shall apply for all
quality conformance testing. ISO 8402 shall apply for definitions of inspection terms used
herein. For purposes of this specification, the following shall apply:
4.3.1.1
Lot
The inspection lot shall include all wire or cable of one part number or description, exclusive
of color, subjected to inspection at one time.
4.3.1.2
Unit of Product
The unit of product for determining lot size for sampling shall be one continuous length of
wire or cable as offered for inspection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com