Electronic Components Datasheet Search
  English  ▼

X  

LM9830 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 26Page - National Semiconductor (TI) LM9830 Datasheet HTML 27Page - National Semiconductor (TI) LM9830 Datasheet HTML 28Page - National Semiconductor (TI) LM9830 Datasheet HTML 29Page - National Semiconductor (TI) LM9830 Datasheet HTML 30Page - National Semiconductor (TI) LM9830 Datasheet HTML 31Page - National Semiconductor (TI) LM9830 Datasheet HTML 32Page - National Semiconductor (TI) LM9830 Datasheet HTML 33Page - National Semiconductor (TI) LM9830 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
30
http://www.national.com
the trailing edge of the first RS pulse. This mode works for TR1
only, under all TR1 settings (normal and CIS TR1 Timing
modes 1 and 2).
4.3 AFE Operation
The LM9830 supports the following operation modes, controlled
by registers 26 and 27:
• 3 Channel Pixel Rate Mode. In this mode all three channels are
converted with the multiplexer in front of the ADC switching at
the ADC conversion rate, producing interleaved RGB data that
is transferred to RAM. The ADC runs at MCLK/8, each chan-
nel’s pixel rate is MCLK/24. Each color has its own offset and
gain coefficients. This mode typically uses Illumination Mode 1.
• 3 Channel LIne Rate Mode. In this mode all three channels are
converted with the multiplexer in front of the ADC switching at
the line rate, producing a line of Red data, followed by a line of
Green data, followed by a line of Blue data, etc. that is trans-
ferred to RAM. The selected channel and the ADC both run at
MCLK/8. Each color has its own offset and gain coefficients.
This mode typically uses Illumination Mode 1.
In the 3 Channel Line Rate Mode three TR pulses are generated.
TRRED is the TR1 output, TRGREEN is the TR2 output, and
TRBLUE is the CP2 output. In this mode TR pulses for a particular
color can be “skipped”, increasing the integration time for that
color. In the example shown in Figure 38, the red channel sees 2
times the integration time of the green channel, and the blue
channel sees 3 times the integration time of the green channel.
Each channel can be independently programmed to drop 0, 1, or
2 TR pulses.
Each color’s TR pulse can be programmed to occur in position 1
(inside Ø1 high) or position 2 (inside Ø1 low), as shown in Figure
39.
• 1 Channel Mode. In this mode only one of the three channels is
being converted. That channel and the ADC are clocked at
MCLK/8. The channel is chosen in the configuration register.
There are two variations of 1 Channel Mode:
• 1 Channel Mode A: Uses the selected channel’s offset and gain
coefficients for all lines. This mode typically uses Illumination
Mode 3.
Figure 35: Fake Optical Black Pixels
Trailing edge of
first RS pulse
End of Optical
Black Pixels
TR1
RS
Red Channel
Figure 36: 3 Channel Pixel Rate Mode
Green Channel
Blue Channel
ADC
C
C
D
ADC Out LIne 1: RGBRGBRGBRGBRGB...
ADC Out LIne 2: RGBRGBRGBRGBRGB...
ADC Out LIne 3: RGBRGBRGBRGBRGB...
ADC Out LIne 4: RGBRGBRGBRGBRGB...
Pixel-Rate
Multiplexing
Red Channel
Figure 37: 3 Channel Line Rate Mode
Green Channel
Blue Channel
ADC
C
C
D
ADC Out LIne 1: RRRRRRRRRRRRRRR...
ADC Out LIne 2: GGGGGGGGGGGGGG...
ADC Out LIne 3: BBBBBBBBBBBBBBBBB...
ADC Out LIne 4: RRRRRRRRRRRRRRR...
Line-Rate
Multiplexing
Figure 38: 3 Channel Line Rate TR Pulse Timing
TRRED
TRGREEN
TRBLUE
Multiplexer
Channel
Red
Green
Blue
Red
Green
tINT (RED)
tINT (GREEN)
tINT (BLUE)
TRRED
TRGREEN
TRBLUE
Ø1
12
1
2
Figure 39: 3 Channel Line Rate Mode with 2 TR
Pulse Positions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com