Electronic Components Datasheet Search
  English  ▼

X  

LM9830 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 37Page - National Semiconductor (TI) LM9830 Datasheet HTML 38Page - National Semiconductor (TI) LM9830 Datasheet HTML 39Page - National Semiconductor (TI) LM9830 Datasheet HTML 40Page - National Semiconductor (TI) LM9830 Datasheet HTML 41Page - National Semiconductor (TI) LM9830 Datasheet HTML 42Page - National Semiconductor (TI) LM9830 Datasheet HTML 43Page - National Semiconductor (TI) LM9830 Datasheet HTML 44Page - National Semiconductor (TI) LM9830 Datasheet HTML 45Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
1
-1
Coarse Color
Balance PGAs
DACR
Offset
+
+
OSR
RED OS
from CCD
CDS
OSG
GREEN OS
from CCD
CDS
OSB
BLUE OS
from CCD
CDS
x0.93
to x3
DACG
Offset
²
+
+
DACB
Offset
²
+
+
12-Bit
ADC
2.5V
x1or x3
Static
Offset
DACs
VREF LO FORCE
VREF LO SENSE
VREF MID FORCE
VREF MID SENSE
VREF HI FORCE
VREF HI SENSE
1
-1
1
-1
ø1
ø2
RS
CP1
TR1
TR2
Internal
Bandgap
Reference
VBANDGAP
CP2
x1or x3
x1or x3
Gain
Boost
Analog Front End Block Diagram
x0.93
to x3
x0.93
to x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com