Electronic Components Datasheet Search
  English  ▼

X  

LM9830 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 27Page - National Semiconductor (TI) LM9830 Datasheet HTML 28Page - National Semiconductor (TI) LM9830 Datasheet HTML 29Page - National Semiconductor (TI) LM9830 Datasheet HTML 30Page - National Semiconductor (TI) LM9830 Datasheet HTML 31Page - National Semiconductor (TI) LM9830 Datasheet HTML 32Page - National Semiconductor (TI) LM9830 Datasheet HTML 33Page - National Semiconductor (TI) LM9830 Datasheet HTML 34Page - National Semiconductor (TI) LM9830 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
31
http://www.national.com
• 1 Channel Mode B: This mode uses a sensor tied to the Blue
OS input only. Illumination is switched in RGBRGB pattern at
the line rate. Each color has own digital offset and gain coeffi-
cients as well as static Gain and Offset data. Note that there is
a one line delay between when a line is exposed to a color and
when pixels of that color are clocked out of the sensor. For
example, the Green LEDs should be on while you are clocking
out Red pixels. This mode typically uses Illumination Mode 2.
4.4 External SRAM Interface
The external 8 bit SRAM is used for line buffering and coefficient
data. For 300 dpi, 16kbytes (2729 pixels * 16 bits/pixel * 3 colors
= 16kbytes) are used for offset and gain coefficients. For 600 dpi,
32Kbytes (5460 pixels * 16 bits/pixel * 3 colors = 32kbytes) are
used for offset and gain coefficients. The rest is used for the cir-
cular image data buffer.
The LM9830 supports three SRAM sizes: 64K, 128K, and 256K.
The 64K mode uses addresses A0-A15. To allow two 32k x 8
SRAMs to function as one 64k x 8 SRAM, address bit A16 is the
inverse of address bit A15. This allows A15 and A16 to be used
as CS pins for the two 32k x 8 SRAMs. The 64K mode is only rec-
ommended for use with 300dpi optical sensors. 64K (32K coeffi-
cients/32K image data buffer) is not enough SRAM for 600dpi
sensors.
The 128K mode uses addresses A0-A16. To allow two 64k x 8
SRAMs to function as one 128k x 8 SRAM, address bit A17 is the
inverse of address bit A16. This allows A16 and A17 to be used
as CS pins for the two 64k x 8 SRAMs.
The 256K mode uses addresses A0-A17.
There are 4 SRAM access modes: 8 bit/4 slot, 8bit/8 slot, 12 bit/4
slot (half duplex 12 bit), 12 bit/8 slot (full duplex 12 bit). The 4 slot
modes are lower bandwidth and can be used with slower SRAM,
while the 8 slot modes provide higher system performance.
Figure 42 indicates the relative bandwidth used in each mode.
The ADC and the first stage of the digital processing block always
run at the pixel rate, which is 1/8 of the MCLK frequency. The off-
set correction data and the gain correction coefficient data must
be provided at the pixel rate.
In the 8 bit/4 slot mode, each 8 bit correction data RAM access
takes 2 MCLKs. The 8 bit write from the pixel processing block
takes 2 MCLKs. 8 bit reads from SRAM to the host also take 2
MCLKs. Note that in this mode, the maximum rate pixel data can
be stored in SRAM is also the maximum rate pixel data can be
read and transmitted to the host. In configurations where the host
I/O can not constantly receive data at the pixel rate, the SRAM
buffer may fill up even if the host is capable of burst reads at rates
much greater than the pixel rate.
To reduce or eliminate buffer full conditions, there is a higher
bandwidth 8 bit/8 slot mode where all RAM read accesses take 1
MCLK cycle. In this mode there are 4 slots where data can be
read and sent to the host, allowing the buffer to be emptied up to
4 times faster than it is being filled. Combined with an intelligent
scanner driver routine, this mode will reduce or eliminate the
number of times a scanner has to stop during a scan.
This mode
is only guaranteed to work when the MCLK frequency is 25MHz
or lower.
To calibrate the scanner, or to actually scan an image and send
the raw 12 bit data back to the PC, additional modes are required
to transmit the 12 bit pixel data through the 8 bit interface. The 12
bit/4 slot (or half duplex) mode does this by storing the 12 bit data
as a high byte (the 4 MSBs of the 12 bit word) and a low byte (the
8 LSBs of the 12 bit word). The timing is similar to the 8 bit/4 slot
scenario, except that the slot normally allocated to sending data
to the host is now given to writing the second half of the 12 bit
word to SRAM.
In this mode you can not transmit data to the host
while scanning. To read the data out of RAM, you must either
write to the command register to stop scanning (this is typically
how it would be done during calibration), or wait until the buffer
fills up (how it would typically be done during a raw 12 bit image
Figure 40: 1 Channel Mode A
TR
G LED
B LED
R LED
SC
COEF.
DATA
SC
SC
SC
SC = selected channel (=green in this example)
Figure 41: 1 Channel Mode B
TR
G LED
B LED
R LED
B
COEF.
DATA
R
G
B
Figure 42: SRAM Access Modes
MCLK
123
56781
4
8
8 bit/
4slot
8 bit/
8slot
12 bit/ 4slot
(Scanning)
12 bit/
8slot
R1: Offset Coefficient read
R2: Gain Coefficient read
R3: 8 bit pixel data read (to host)
R4: 12 bit pixel data read, MSB (to host)
R5: 12 bit pixel data read, LSB (to host)
W1: 8 bit Pixel Data Write
W2: 12 bit pixel data write, MSB
W3: 12 bit pixel data write, LSB
R1
R2
W1
R3
R1
R2
W1
R3
R3
R3
R1
R2
W2
W3
R1 R2
R4 R5
W2
W3
12 bit/ 4slot
(Reading)
R1
R2
R4
R5
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com