Electronic Components Datasheet Search
  English  ▼

X  

LM9830 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 10Page - National Semiconductor (TI) LM9830 Datasheet HTML 11Page - National Semiconductor (TI) LM9830 Datasheet HTML 12Page - National Semiconductor (TI) LM9830 Datasheet HTML 13Page - National Semiconductor (TI) LM9830 Datasheet HTML 14Page - National Semiconductor (TI) LM9830 Datasheet HTML 15Page - National Semiconductor (TI) LM9830 Datasheet HTML 16Page - National Semiconductor (TI) LM9830 Datasheet HTML 17Page - National Semiconductor (TI) LM9830 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
14
http://www.national.com
COMMAND REGISTER
07
Command Register
This register is used to start and end a scan.
It is also used to home the sensor in a
flatbed scanner or eject the image in a
sheetfed scanner.
00
Idle - Stops motor (A, B, A, B = 0),
completes current line of data (if scanning).
Note: CCD/CIS clocks continue clocking.
01
High Speed Forward - Moves motor forward at a
speed determined by the Fast Feed Step Size
(registers 48 and 49).
10
High Speed Reverse - Moves motor backward at a
speed determined by the Fast Feed Step Size
(registers 48 and 49).
11
Start Scan - Resets the LM9830’s data pointers and
starts an image scan.
Standby
When this bit is set the crystal oscillator
continues to run but all internal clock signals
are frozen. The analog circuitry is turned off
to reduce power consumption.
0
Operating
1
Low Power Standby Mode
Reset (Host must write a 1 then a 0 to enter
and exit the reset state)
0
Normal Operation
1
Resets the LM9830
MASTER CLOCK DIVIDER
08
MCLK Divider
This register sets the master clock frequency
for the entire scanner.
fMCLK = fCRYSTAL/MCLK_Divider
fADC = fMCLK/8
0 00000÷1.0
0 00001÷1.5
0 00110÷4
a aaaaa÷ ((aaaaaa/2)+1)
1 11110÷32.0
1 11111÷32.5
HORIZONTAL RESOLUTION AND DATAMODE SETTINGS
09
Horizontal DPI Divider
This register determines the horizontal
resolution of the scan.
Scan resolution = Optical resolution divided
by the Horizontal_DPI_Divider.
000÷1
001÷1.5
010÷2
011÷3
100÷4
101÷6
110÷8
111÷12
Pixel Packing
This register determines how many bits in
each byte of data are transmitted to the host
when DataMode = 0
0 0
1 bit/pixel (1 bit grayscale/3 bit color)
0 1
2 bits/pixel (2 bit grayscale/6 bit color)
1 0
4 bits/pixel (4 bit grayscale/12 bit color)
1 1
8 bits/pixel (8 bit grayscale/24 bit color)
DataMode
When DataMode = 0, the pixel data is fully
processed, going through the Offset,
Shading, Horizontal DPI Adjust, Gamma,
and Pixel Packing blocks.
When DataMode = 1, 10 bit data is extracted
following the Horizontal DPI Adjust stage.
Gamma and any other post processing must
be done by the host.
When DataMode = 1, Horizontal DPI Adjust
= 0, and the Offset and Gain coefficients are
set to 0, the 12 bit data straight from the
ADC is transmitted. Offset, Shading,
Gamma and any other post processing must
be done by the host.
0
1, 2, 4, or 8 bit image data,
as determined by the Pixel Size setting.
1
10 bit image data - sent in 2 bytes:
X X X X 9 8 7 6- 5 4 3 2 1 0 X X
12 bit image data - sent in 2 bytes:
X X X X 11 10 9 8 - 7 6 5 4 3 2 1 0,
Horizontal DPI Divider = 0.
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com