Electronic Components Datasheet Search
  English  ▼

X  

LM9830 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 31Page - National Semiconductor (TI) LM9830 Datasheet HTML 32Page - National Semiconductor (TI) LM9830 Datasheet HTML 33Page - National Semiconductor (TI) LM9830 Datasheet HTML 34Page - National Semiconductor (TI) LM9830 Datasheet HTML 35Page - National Semiconductor (TI) LM9830 Datasheet HTML 36Page - National Semiconductor (TI) LM9830 Datasheet HTML 37Page - National Semiconductor (TI) LM9830 Datasheet HTML 38Page - National Semiconductor (TI) LM9830 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
35
http://www.national.com
feeding.
6.5 Returning to Transparency Mode with LM9830 Reset
The host can return the LM9830 to Transparency Mode and reset
the LM9830 by taking the INIT, AUTOFEED, SELECT_IN, and
STROBE pins low and then high again. Approximately 2 - 3
MCLKs after the rising edge of INIT, the LATCH pin will go high,
the TRISTATE pin will go low, and the LM9830 will tristate its D0-
D7 and control line outputs. This will reset the LM9830 as well as
make it transparent.
6.6 Writing to the Configuration Register (Parallel Port)
The timing for writing to the LM9830 (sending data from the PC to
the LM9830) is shown in Figure 53. This is EPP timing, and it is
used for all parallel port Writes, even when in Nibble Mode (Nib-
ble Mode is only used to send data from the peripheral to the
host).
The write consists of two cycles, an address write cycle that tells
the LM9830 which address is going to be written to, and a data
write cycle that transmits the data to be stored in that address.
The handshaking is as follows:
• The host takes STROBE low, indicating that the next operation
is a write.
• The host puts data on D0-D7.
• The host takes SELECT IN low to indicate that the data is valid.
• The LM9830 latches the data and indicates that the data has
been latched by taking BUSY high.
• The host responds and brings SELECT IN and STROBE high.
• The LM9830 responds to the rising edge of SELECT IN by tak-
ing BUSY low.
This completes the address write cycle. The LM9830 is now pre-
pared for a byte write to the location contained in the address
byte. The handshaking for the data write is basically identical,
except AUTOFEED is used to latch the data instead of SELECT.
To write large quantities of data to a particular address, the
address only has to be written once. All data write operations will
write to the last address written. This is useful for writing DataPort
(register 06) data.
6.7 Reading From The Configuration Register (Parallel Port)
The procedure for reading the configuration register is different
for the EPP and Nibble Modes.
6.7.1 EPP Mode Configuration Register Read
An EPP read is shown in Figure 54. The handshaking for the
address write cycle of a read is identical to the address cycle for a
write. The data read cycle is as follows:
• The host maintains STROBE high, indicating that the next oper-
ation is a read.
• The host tristates D0-D7
• The host takes AUTOFEED low to request data from the
LM9830.
• The LM9830 places the data on the bus.
• The LM9830 takes BUSY high to indicate the data is valid.
• The host latches the data and responds by taking AUTOFEED
high.
• The LM9830 tristates the bus.
• The LM9830 takes BUSY low to indicate the cycle is complete
and it is ready for another cycle.
To read large quantities of data from a particular address, the
address only has to be written once. All data read operations will
read from the last address written. This is useful for reading pixel
(register 00) and DataPort (register 06) data.
6.7.2 Nibble Mode Configuration Register Read
This is not the traditional application of “Nibble Mode”, it is more
efficient and lower cost variation. The first half of the cycle is an
EPP address write, followed by a Nibble Mode read. Also, BUSY
is used for handshaking and ACK for a databit, eliminating the
problems caused by the hardware inversion of BUSY on the PC,
as well as allowing BUSY to perform roughly the same function it
does in EPP mode.
STROBE
AUTOFEED
INIT
Figure 51: LM9830 Transparent without Reset
SELECT IN
STROBE
AUTOFEED
INIT
Figure 52: LM9830 Transparent with Reset
SELECT IN
STROBE
AUTOFEED
BUSY
Addr
D0 - D7
Figure 53: Writing to the Configuration Register
8-Bit Data
SELECT IN
8-Bit Data
STROBE
AUTOFEED
BUSY
Addr
D0 - D7
Figure 54: Reading from the Configuration Register (EPP)
SELECT IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com