Electronic Components Datasheet Search
  English  ▼

X  

LM98501 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM98501 Datasheet HTML 1Page - National Semiconductor (TI) LM98501 Datasheet HTML 2Page - National Semiconductor (TI) LM98501 Datasheet HTML 3Page - National Semiconductor (TI) LM98501 Datasheet HTML 4Page - National Semiconductor (TI) LM98501 Datasheet HTML 5Page - National Semiconductor (TI) LM98501 Datasheet HTML 6Page - National Semiconductor (TI) LM98501 Datasheet HTML 7Page - National Semiconductor (TI) LM98501 Datasheet HTML 8Page - National Semiconductor (TI) LM98501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Typical Application Circuit
Pin Descriptions
Pin
Name
I/O
Typ
Description
1
AUX IN
I
A
Auxiliary analog input.
2
AGND
P
Analog ground return.
3V
IN
I
A
Analog input. AC-couple input signal through a 0.1 µF capacitor
4
AGND
P
Analog ground return.
5
AV+
P
+3V power supply for the analog circuits. Bypass each supply pin with 0.1 µF and
10 µF capacitors in parallel.
6
ACLP
I
D
Analog clamp switch. Float pin when function not being used.
7
RESET
I
D
Active-high master reset. Float pin when function not being used.
8
AV+
P
+3V power supply for the analog circuits. Bypass each supply pin with 0.1 µF and
10 µF capacitors in parallel.
9
DGND
P
Digital ground return.
10
DGND
P
Digital ground return.
DS101292-4
FIGURE 3. Typical Application Circuit Diagram
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com