Electronic Components Datasheet Search
  English  ▼

X  

LM98501 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM98501 Datasheet HTML 1Page - National Semiconductor (TI) LM98501 Datasheet HTML 2Page - National Semiconductor (TI) LM98501 Datasheet HTML 3Page - National Semiconductor (TI) LM98501 Datasheet HTML 4Page - National Semiconductor (TI) LM98501 Datasheet HTML 5Page - National Semiconductor (TI) LM98501 Datasheet HTML 6Page - National Semiconductor (TI) LM98501 Datasheet HTML 7Page - National Semiconductor (TI) LM98501 Datasheet HTML 8Page - National Semiconductor (TI) LM98501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin Descriptions (Continued)
Pin
Name
I/O
Typ
Description
11
DV+
P
+3V power supply for the digital circuits. Bypass each supply pin with 0.1 µF and
10 µF capacitors in parallel.
12
CLK
I
D
27 MHz clock input.
13
SHP
I
D
Correlated double sampler reset voltage clamp override. Programmable active-high or
active-low through serial interface. Connect to +3V digital supply when function not
being used (register values in default condition).
14
SHD
I
D
Correlated double sampler video signal voltage sample override. Programmable
active-high or active-low through serial interface. Connect to +3V digital supply when
function not being used (register values in default condition).
15
BOL
I
D
Active-high beginning of line switch input. Hold high during entire line of effective
pixels. Hold low during blanking period.
16
BLKCLP
I
D
Active-high black level clamp switch input. Pulse high during black pixels to eliminate
black pixel offset from video signal.
17
V
REFP
IO
A
Top of DAC reference ladder. Normally bypassed with a 0.1 µF capacitor. An external
DAC reference voltage may be applied to this pin.
18
V
REFN
IO
A
Bottom of DAC reference ladder. Normally bypassed with a 0.1 µF capacitor. An
external DAC reference voltage may be applied to this pin.
19
V
REFB
IO
A
Bottom of ADC reference ladder. Normally bypassed with a 0.1 µF capacitor. An
external ADC reference voltage may be applied to this pin.
20
CE
I
D
Active-low chip enable for the serial interface.
21
SCLK
I
D
Serial interface clock used to decode the serial input data.
22
SI DATA
I
D
Serial interface input port.
23
SO DATA
O
D
Serial interface output port.
24
DGND I/O
P
Digital output driver ground return.
25
DV+ I/O
P
+3V power supply for the digital output driver circuits. Bypass each supply pin with
0.1 µF and 10 µF capacitors in parallel.
26
D0
O
D
Digital output. Bit 0 of 9 (LSB) of the digital video output bus.
27
D1
O
D
Digital output. Bit 1 of 9 of the digital video output bus.
28
D2
O
D
Digital output. Bit 2 of 9 of the digital video output bus.
29
D3
O
D
Digital output. Bit 3 of 9 of the digital video output bus.
30
D4
O
D
Digital output. Bit 4 of 9 of the digital video output bus.
31
D5
O
D
Digital output. Bit 5 of 9 of the digital video output bus.
32
D6
O
D
Digital output. Bit 6 of 9 of the digital video output bus.
33
D7
O
D
Digital output. Bit 7 of 9 of the digital video output bus.
34
D8
O
D
Digital output. Bit 8 of 9 of the digital video output bus.
35
D9
O
D
Digital output. Bit 9 of 9 (MSB) of the digital video output bus.
36
DV+ I/O
P
+3V power supply for the digital output driver circuits. Bypass each supply pin with
0.1 µF and 10 µF capacitors in parallel.
37
DGND I/O
P
Digital output driver ground return.
38
DGND
P
Digital ground return.
39
DV+
P
+3V power supply for the digital circuits. Bypass each supply pin with 0.1 µF and 10
µF capacitors in parallel.
40
AV+
P
+3V power supply for the analog circuits. Bypass each supply pin with 0.1 µF and 10
µF capacitors in parallel.
41
AGND
P
Analog ground return.
42
V
REFT
IO
A
Top of ADC reference ladder. Normally bypassed with a 0.1 µF capacitor. An external
ADC reference voltage may be applied to this pin.
43
AV+
P
+3V power supply for the analog circuits. Bypass each supply pin with 0.1 µF and 10
µF capacitors in parallel.
44
AGND
P
Analog ground return.
45
AOUT−
O
A
Negative differential analog output from correlated double sampler or PGA (selectable
through the serial interface).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com