Electronic Components Datasheet Search
  English  ▼

X  

LM98501 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM98501 Datasheet HTML 3Page - National Semiconductor (TI) LM98501 Datasheet HTML 4Page - National Semiconductor (TI) LM98501 Datasheet HTML 5Page - National Semiconductor (TI) LM98501 Datasheet HTML 6Page - National Semiconductor (TI) LM98501 Datasheet HTML 7Page - National Semiconductor (TI) LM98501 Datasheet HTML 8Page - National Semiconductor (TI) LM98501 Datasheet HTML 9Page - National Semiconductor (TI) LM98501 Datasheet HTML 10Page - National Semiconductor (TI) LM98501 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Correlated Double Sampler Specifications
The following specifications apply for DV+ = AV+ = DV + I/O = +3.0V, C
L = 10 pF, and fCLK = 27 MHz unless otherwise
noted. Boldface limits apply for T
A = TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
V
IN
Input Voltage Level
1.0
V
p-p
I
IN
Input Leakage Current
010
nA
C
IN
Input Capacitance
5pF
R
IN
Input Resistance
10
k
Ω
t
AD
Aperture Delay
2ns
t
SHP
CLK Falling Edge to SHP Falling
Edge
10
t
SHD
CLK Rising Edge to SHD Falling
Edge
14
PGA Specifications
The following specifications apply for DV+ = AV+ = DV + I/O = +3.0V, C
L = 10 pF, and fCLK = 27 MHz unless otherwise
noted. Boldface limits apply for T
A = TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
Gain Resolution
8
Bits
Step Size
(Gain / Resolution)
0
0.125
dB
Maximum Gain
32.0
dB
Minimum Gain
0.0
dB
Gain Error @ 20 MHz
Deviation from Best-Fit Line after
End-Point Correction
±5
%
Gain Error @ 27 MHz
Deviation from Best-Fit Line after
End-Point Correction
±5
%
Offset DAC and Black Level Clamp Specifications
The following specifications apply for DV+ = AV+ = DV + I/O = +3.0V, C
L = 10 pF, and fCLK = 27 MHz unless otherwise
noted. Boldface limits apply for T
A = TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
R
REF
Reference Ladder Resistance
50
k
Ω
Resolution
±7
Bits
Offset Adjustment Range
PGA Gain = 1.0 dB
±93
mV
Black Level Clamp Accuracy
PGA Gain = 0.0 dB
±0.5
LSB
PGA Gain = 32.0 dB
±0.5
LSB
t
BLKCLP
Black Clamp Switch Pulse Width
20
T
CLK
Analog to Digital Converter Specifications
The following specifications apply for DV+ = AV+ = DV + I/O = +3.0V, C
L = 10 pF, and fCLK = 27 MHz unless otherwise
noted. Boldface limits apply for T
A = TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
R
REF
Reference Ladder Resistance
850
1000
1150
k
Ω
V
REFT
Top of Reference Ladder
V
REFT not driven externally
2.25
2.4
V
V
REFB
Bottom of Reference Ladder
V
REFB not driven externally
0.6
0.75
V
V
REFT–
V
REFB
Differential Reference Voltage
V
REFT and VREFB not driven
externally
1.5
V
Overrange Output Code
V
IN > VREFT
1023
Underrange Output Code
V
IN < VREFB
0
Guaranteed No Missing Codes
10
Bits
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com