Electronic Components Datasheet Search
  English  ▼

X  

LM98501 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM98501 Datasheet HTML 1Page - National Semiconductor (TI) LM98501 Datasheet HTML 2Page - National Semiconductor (TI) LM98501 Datasheet HTML 3Page - National Semiconductor (TI) LM98501 Datasheet HTML 4Page - National Semiconductor (TI) LM98501 Datasheet HTML 5Page - National Semiconductor (TI) LM98501 Datasheet HTML 6Page - National Semiconductor (TI) LM98501 Datasheet HTML 7Page - National Semiconductor (TI) LM98501 Datasheet HTML 8Page - National Semiconductor (TI) LM98501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM98501
10-Bit, 27 MSPS Camera Signal Processor
General Description
The LM98501 is a CCD signal processor for electronic cam-
eras. The processor provides a common interface to a num-
ber of different image sensors including CCD, CMOS, and
CIS. Correlated double sampling reduces kTC noise from
the image signal. A fast, temperature stable, 8-bit digitally
programmable
gain
amplifier
enables
pixel-rate
white-balancing. An auxiliary input is provided, allowing for
the selection of an external signal, useful for electronic titling
and video overlay. The 10-bit A/D converter preserves the
image quality with excellent noise performance. The
LM98501 also includes the supporting functions of digital
black level clamp and power down, ideally suited for portable
video applications. This low-power processor is a natural
choice for the most demanding imaging systems.
Applications
n
Digital still camera
n
Digital video camcorder
n
Video conferencing
n
Security camera
n
Plain paper copier
n
Flatbed or handheld color scanner
n
Video processing for x-ray or infrared
n
Barcode scanner
Features
n
+3V single power supply
n
Low power CMOS design
n
4-wire serial interface
n
2.5V data output voltage swing
n
No missing codes
n
AUX input with input clamp and programmable gain
n
Four color gain and offset registers
n
Digital black level clamp
n
Small 48-lead LQFP package
Key Specifications
jMaximum Input Level
1.0V peak-peak
jCDS Sampling Rate
27 MSPS
jPGA Gain Steps
256 Steps
jPGA Gain Range
0.0 dB-32.0 dB
jADC Resolution
10-Bit
jADC Sampling Rate
27 MSPS
j*Signal-to-Noise Ratio
60 dB 0 dB Gain, 1.0V Input
jPower Dissipation
AV+ = DV+ = DV+ I/O = 3.0V
195 mW (typical)
jOperating Temperature
0˚C to 70˚C
*20 log
10 (VIN/RMS Output Noise)
Typical Digital Camera Block Diagram
DS101292-1
February 2000
© 2000 National Semiconductor Corporation
DS101292
www.national.com


Similar Part No. - LM98501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
10-Bit, 18 MSPS Camera Signal Processor
LM98503CCVV NSC-LM98503CCVV Datasheet
203Kb / 25P
10-Bit, 18 MSPS Camera Signal Processor
More results

Similar Description - LM98501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV987 TI-TLV987 Datasheet
262Kb / 20P
3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
logo
Analog Devices
AD9806 AD-AD9806 Datasheet
134Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV.0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV.0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
logo
National Semiconductor ...
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
10-Bit, 18 MSPS Camera Signal Processor
logo
Analog Devices
AD9804 AD-AD9804 Datasheet
379Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV.0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com