Electronic Components Datasheet Search
  English  ▼

X  

LM98501 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM98501 Datasheet HTML 14Page - National Semiconductor (TI) LM98501 Datasheet HTML 15Page - National Semiconductor (TI) LM98501 Datasheet HTML 16Page - National Semiconductor (TI) LM98501 Datasheet HTML 17Page - National Semiconductor (TI) LM98501 Datasheet HTML 18Page - National Semiconductor (TI) LM98501 Datasheet HTML 19Page - National Semiconductor (TI) LM98501 Datasheet HTML 20Page - National Semiconductor (TI) LM98501 Datasheet HTML 21Page - National Semiconductor (TI) LM98501 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Register Data (Continued)
Bit
Bit Symbol
Description
[7:0]
Signed Analog
Offset
Digital representation of the
analog offset to be applied to
the input of the PGA. See
“Analog Offset” on page 15.
Register Name Analog Offset 3
Address
7 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:0]
Signed Analog
Offset
Digital representation of the
analog offset to be applied to
the input of the PGA. See
“Analog Offset” on page 15.
COLOR FILTER ARRAY REGISTERS
Register Name Color Filter Array Configuration 0
Address
8 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:6]
Line0:Pixel3
Gain/Offset
2 LSB’s of register
addresses where the gain
and offset for pixel 3 of the
CFA pattern are stored.
[5:4]
Line0:Pixel2
Gain/Offset
2 LSB’s of register
addresses where the gain
and offset for pixel 2 of the
CFA pattern are stored.
[3:2]
Line0:Pixel1
Gain/Offset
2 LSB’s of register
addresses where the gain
and offset for pixel 1 of the
CFA pattern are stored.
[1:0]
Line0:Pixel0
Gain/Offset
2 LSB’s of register
addresses where the gain
and offset for pixel 0 of the
CFA pattern are stored.
Register Name Color Filter Array Configuration 1
Address
9 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:6]
Line1:Pixel3
Gain/Offset
2 LSB’s of register
addresses where the gain
and offset for pixel 3 of the
CFA pattern are stored.
[5:4]
Line1:Pixel2
Gain/Offset
2 LSB’s of register
addresses where the gain
and offset for pixel 2 of the
CFA pattern are stored.
Bit
Bit Symbol
Description
[3:2]
Line1:Pixel1
Gain/Offset
2 LSB’s of register
addresses where the gain
and offset for pixel 1 of the
CFA pattern are stored.
[1:0]
Line1:Pixel0
Gain/Offset
2 LSB’s of register
addresses where the gain
and offset for pixel 0 of the
CFA pattern are stored.
Register Name Color Filter Array Definition
Address
A Hex
Type
Read/Write
Reset Value
XXXX 0000 Binary
Bit
Bit Symbol
Description
[3:2]
Line 1 Pixels
Number of pixels in CFA
pattern defined in CFA line
1.
[2:1]
Line 0 Pixels
Number of pixels in CFA
pattern defined in CFA line
0.
OUTPUT BLACK LEVEL REGISTER
Register Name Output Black Level
Address
B Hex
Type
Read/Write
Reset Value
0001 0000 Binary
Bit
Bit Symbol
Description
[7:0]
Black Level
0–256 output black level
digital code value. (see
“Output Black Level” on
page 15)
SOFTWARE CONTROL REGISTERS
Register Name Software Control 0 (Customer)
Address
C Hex
Type
Read/Write
Reset Value
0100 1110 Binary
Bit
Bit Symbol
Description
[7]
Offset Output
Enable
Directs the offset error
calculated by the digital
black level correction loop to
the 10 digital output data
pins.
[6]
Serial Output
Enable
Enables the serial interface
output for reading register
values.
[5:4]
Offset
Integration
Offset integration factor
selection:
00 No Scaling
01 Divide-by-4
10 Divide-by-8
11 Divide-by-16
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com