Electronic Components Datasheet Search
  English  ▼

X  

LM98501 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM98501 Datasheet HTML 1Page - National Semiconductor (TI) LM98501 Datasheet HTML 2Page - National Semiconductor (TI) LM98501 Datasheet HTML 3Page - National Semiconductor (TI) LM98501 Datasheet HTML 4Page - National Semiconductor (TI) LM98501 Datasheet HTML 5Page - National Semiconductor (TI) LM98501 Datasheet HTML 6Page - National Semiconductor (TI) LM98501 Datasheet HTML 7Page - National Semiconductor (TI) LM98501 Datasheet HTML 8Page - National Semiconductor (TI) LM98501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Pin Descriptions (Continued)
Pin
Name
I/O
Typ
Description
46
AOUT+
O
A
Positive differential analog output from correlated double sampler or PGA (selectable
through the serial interface).
47
AV+
P
+3V power supply for the analog circuits. Bypass each supply pin with 0.1 µF and 10
µF capacitors in parallel.
48
AGND
P
Analog ground return.
Legend: (I = Input), (O = Output), (IO = Bi-directional), (P = Power), (D = Digital), (A = Analog).
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com