Electronic Components Datasheet Search
  English  ▼

X  

LM98501 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM98501 Datasheet HTML 4Page - National Semiconductor (TI) LM98501 Datasheet HTML 5Page - National Semiconductor (TI) LM98501 Datasheet HTML 6Page - National Semiconductor (TI) LM98501 Datasheet HTML 7Page - National Semiconductor (TI) LM98501 Datasheet HTML 8Page - National Semiconductor (TI) LM98501 Datasheet HTML 9Page - National Semiconductor (TI) LM98501 Datasheet HTML 10Page - National Semiconductor (TI) LM98501 Datasheet HTML 11Page - National Semiconductor (TI) LM98501 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AC Electrical Characteristics
The following specifications apply for DV+ = AV+ = DV + I/O = +3.0V, C
L = 10 pF, and fCLK = 27 MHz unless otherwise noted.
Boldface limits apply for T
A = TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
f
CLK
Input Clock Frequency
1
27
30
MHz
T
CLK
Input Clock Period
33
37
1000
ns
t
ch
Clock High Time
@ CLK
max
15
ns
t
cl
Clock Low Time
@ CLK
max
15
ns
Clock Duty Cycle
@ CLK
max
45/55
min/max
t
rc,tfc
Clock Input Rise and Fall Time
5
ns
Pipeline Delay (Latency)
7
T
CLK
t
VALID
Data Valid Time
27
ns
t
OH
Output Data Hold Time
9
13
19
ns
t
OD
Output Delay Time
14
20
26
ns
Full Channel Performance Specifications
The following specifications apply for DV+ = AV+ = DV + I/O = +3.0V, C
L = 10 pF, and fCLK = 27 MHz unless otherwise
noted. Boldface limits apply for T
A = TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
DNL
Differential Non-Linearity
−1.0
±0.5
1.5
LSB
INL
Integral Non-Linearity
+3.0/−1.5
LSB
*SNR
0 dB Gain, 1.0V Input
@ f
CLK = 27 MHz
60
dB
@ f
CLK = 20 MHz
61
dB
ENOB
Effective Number of Bits
@ f
CLK = 27 MHz
7.5
Bits
@ f
CLK = 20 MHz
7.6
Bits
THD
Total Harmonic Distortion
@ f
CLK = 27 MHz
−51
dB
@ f
CLK = 20 MHz
−60
dB
*20 log10 (VIN/RMS Output Noise)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed speci-
fications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
Note 3: When the voltage at any pin exceeds the power supplies (VIN < GND or VIN > AV+ or DV+), the current at that pin should be limited to 25 mA. The 50 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with in input current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJMAX) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJMAX, the
junction-to-ambient thermal resistance (*JA), and the ambient temperature (TA), and can be calculated using the formula PDMAX = (TJMAX –TA)/*JA. In the 48-pin
LQFP, *JA is 69˚C/W, so PDMAX = 1,811 mW at 25˚C and 1,159 mW at the maximum operating ambient temperature of 70˚C. Note that the power dissipation of this
device under normal operation will typically be about 180 mW. The values for maximum power dissipation listed above will be reached only when the LM98501 is
operated in a severe fault condition.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
Note 6: See AN450, “Surface Mounting Methods and Their Effect on Product Reliability”, or the section entitled “Surface Mount” found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7: The analog inputs are protected as shown below. Input voltage magnitude up to 500 mV beyond the supply rails will not damage this device. However, input
errors will be generated if the input goes above AV+ and below AGND.
Note 8: Typical figures are at TJ = 25˚C, and represent most likely parametric norms.
Note 9: Test limits are guaranteed to National’s AOQL (Averaging Outgoing Quality Level).
DS101292-18
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com