Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AL128
Description  Plug and Play VGA to NTSC/PAL Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL128 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AL128 Datasheet HTML 35Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 36Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 37Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 38Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 39Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 40Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 41Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AL128
April 2, 1999
39
800x600
reg.#02h<3> = 0 or
VGA refresh rate:
NTSC: >= 66 Hz
PAL: >= 56 Hz
CapH: 656
CapV: 600->420
CapHST: 160
CapVST: 28
DspH: 656->656
DspV: 420
DspHST: 152
DspVST: 68
Hpll: 832
CapH: 656
CapV: 600->480
CapHST: 160
CapVST: 28
DspH: 656->752
DspV: 480
DspHST: 136
DspVST: 32
Hpll: 832
CapH: 800
CapV: 600->500
CapHST: 200
CapVST: 28
DspH: 800->800
DspV: 500
DspHST: 224
DspVST: 84
Hpll: 1024
CapH: 800
CapV: 576->576
CapHST: 200
CapVST: 28
DspH: 800->928
DspV: 576
DspHST: 152
DspVST: 24
Hpll: 1024
800x600
reg.#02h<3> = 1 or
VGA refresh rate:
NTSC: < 66 Hz
PAL: < 56 Hz
CapH: 512
CapV: 600->420
CapHST: 120
CapVST: 28
DspH: 512->656
DspV: 420
DspHST: 152
DspVST: 68
Hpll: 640
CapH: 512
CapV: 600->480
CapHST: 120
CapVST: 28
DspH: 512->752
DspV: 480
DspHST: 136
DspVST: 32
Hpll: 640
CapH: 656
CapV: 600->500
CapHST: 160
CapVST: 28
DspH: 656->800
DspV: 500
DspHST: 224
DspVST: 84
Hpll: 832
CapH: 656
CapV: 576->576
CapHST: 160
CapVST: 28
DspH: 656->928
DspV: 576
DspHST: 152
DspVST: 24
Hpll: 832
Remarks:
CapH: Horizontal Capture Width
CapV: Vertical Capture Height
CapHST: Horizontal Capture Start
CapVST: Vertical Capture Start
DspH: Horizontal Display Width
DspV: Vertical Display Height
DspHST: Horizontal Display Start
DspVST: Vertical Display Start
Hpll: Horizontal Total
->: scaled to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com