Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AL128
Description  Plug and Play VGA to NTSC/PAL Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL128 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AL128 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
AL128
April 2, 1999
8
MWENL
out (CMOS)
78
Memory Low Byte Write Enable
MWRST
out (CMOS)
71
Memory Write Reset
PAL
in (CMOSd)
2
NTSC/PAL select
0 - NTSC
1 - PAL
RED<7:0>
in (CMOSd)
100-107
Graphic Red input data
RGBOUT
in (CMOSd)
1
RGB/YC Composite output select
0 - ACMP, AY, AC
1 - R, G, B
RSET
in
42
DAC Full scale current adjust, 82 ohm pull-
down for S-video and Composite output, 140
ohm pull-down for RGB output.
SCL
in (CMOSsu)
13
I
2C Clock
SDA
in/out (CMOSsu)
10
I
2C Data
SELECT
in (CMOSsd)
5
Select button
TEST1~12
out (CMOS)
9, 15-18, 20-
23, 25,26,33
Unused pins for factory test purpose only
TVCSYNC
out (CMOS)
32
TV composite sync
TVHSYNC
out (CMOS)
30
TV horizontal sync
TVVSYNC
out (CMOS)
31
TV vertical sync
TVCLK
out (CMOS)
151
Clock output for graphic chip clock
VRB
in (0 V)
135
ADC Bottom Voltage Reference
VREF
in (1.23 V)
35
DAC Voltage Reference Input
VRT
in
134
ADC Top Voltage Reference
XIN1/FIN1
in (CMOS)
159
Crystal Input/External Clock Input 1 for
NTSC
XIN2/FIN2
in (CMOS)
154
Crystal Input/External Clock Input 2 for PAL
XOUT1
out (CMOS)
158
Crystal Output 1 for NTSC
XOUT2
out (CMOS)
153
Crystal Output 2 for PAL
Power and Ground
VDD x 13
5V
8, 24, 46, 61,
70, 79, 89, 99,
113, 123, 139,
144, 150
Digital power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com