Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AL128
Description  Plug and Play VGA to NTSC/PAL Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL128 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AL128 Datasheet HTML 37Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 38Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 39Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 40Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 41Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 43Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 44Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 45Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AL128
April 2, 1999
41
The high frequency clock reference or crystal should be handled carefully. Jitter and noise on the clock
will degrade the video performance. Keep the clock paths to the AL128 as short as possible to reduce
noise pickup.
Locate phase locked loop components close to the relevant AL128 pins. Isolate these components
from noise.
9.5 Analog Signal Interconnect
The AL128 should be located closely to the output connectors to minimize noise and reflections. Keep
the critical analog traces as short and wide as possible.
High frequency digital signals, especially pixel clocks and data signals should never overlap any of the
analog signal circuitry and should be kept as far away as possible.
The AL128 should have no inputs left floating. Each of the unused analog input pins should be
connected to GND. All of the digital input pins are internally pulled down.
The analog output traces should also not cross the AL128 and VDD power planes to maximize high-
frequency power supply rejection.
9.6 Component Placement
The suggested component placement is as follows:
Remarks:
1. PLL crystal/oscillator circuits should be placed at the lower left corner and close to
AL128 to avoid noise interference.
Analog Power
PLL
XTAL
RGB input
AL128
AL422
AL422
Al128-15
Layout considerations
TV output
(separated
and
shielded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com