Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AL128
Description  Plug and Play VGA to NTSC/PAL Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL128 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AL128 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
AL128
April 2, 1999
9
GND x 14
14, 19, 29, 51,
56, 67, 74, 84,
94, 108, 118,
142, 155, 160
Digital ground
ADVDD x 3
5V
130,131,138
ADC power
ADGND x 3
128,133,136
ADC ground
DAVDD x 3
5V
34,44,45
DAC power
DAGND x 3
36,38,40
DAC ground
Remarks:
CMOSd:
CMOS with internal pull-down
CMOSsd:
CMOS with Schmitt trigger and internal pull-down
CMOSsu:
CMOS with Schmitt trigger and internal pull-up
Pin list grouped by functionality
Symbol
Pin Number
Graphic Interface
BLUE<7:0>
119-122, 124-127
GREEN<7:0>
109-112, 114-117
RED<7:0>
100-107
GHSYNC
140
GVSYNC
141
GCLK
143
GHSDIV
146
GHSOUT
145
GHSOUT2
28
GVSOUT
147
GVSOUT2
27
Field Memory Interface
MD<15:0>
47-50, 52-55, 80-83, 85-88
MQ<15:0>
57-60, 62-65, 90-93, 95-98
MWENH
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com