Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL128
Description  Plug and Play VGA to NTSC/PAL Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL128 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL128 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AL128
April 2, 1999
4
2.0 Applications
PC ready multimedia TV
TV output for laptop, network, entertainment PC
Net browser/set-top box
Internet TV
VGA add-on card with TV output
VGA to TV converter box
3.0 General Description
The AL128 PC to TV scan converter chip
accepts
graphic
data
up
to
1024x768
resolution from PC and Macintosh graphics
controllers and converts it into broadcast-
quality NTSC or PAL TV signals. In addition
to analog RGB, 24-bit digital RGB data can
be input to maintain the best video quality and
avoid noise problems. This new chip is pin-to-
pin compatible with the AverLogic AL100 but
provides analog RGB output for SCART
implementation.
An integrated high-quality anti-flicker filter
(SmartFilter
™ ) removes the unpleasant
flicker caused by the interlaced display of high
contrast graphics while maintaining the
original clarity and sharpness of informative
data such as natural pictures and text.
With 512Kbytes of memory, plug-and-play is
achieved by automatically detecting the scan
rate and resolution of the incoming graphic
signals without the use of software. With less
memory than other solutions on the market,
high resolution data is processed and stored by
using a complex and proprietary buffer
management system. No compromise is made
at all with video quality by using either
compression or sub-sampling algorithms.
The major functions of the AL128 can be
accessed using four push buttons combined
with the on-screen-menu feature, eliminating
the cost of a micro-controller and complex
control panel. The superior quality scaling
algorithm, which reduces the jagged-edge
artifacts from line dropping, can smoothly fit
graphics of 640x480 (up to 100 Hz) and
1024x768 (up to 75Hz) resolutions into the
visible region of the NTSC or PAL screen.
Both horizontal and vertical sizes can be
linearly adjusted. Additional features include
eight levels of flicker control using 5-line
filter, zoom control and picture freeze.
This
highly
integrated
mix-signal
chip,
packaged in 24mm x 24mm 160-pin LQFP
(low quad flat package), is powered by a
single 5-volt power supply.
Power-down is
achieved by using either hardware or software
control.
The enhanced features and superior quality
make the AL128 very suitable for PC video to
TV conversion in PC ready multimedia TV’s,
scan converter boxes, VGA add-on cards,
Web TVs, or network / laptop PCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com