Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AL128
Description  Plug and Play VGA to NTSC/PAL Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL128 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AL128 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AL128
April 2, 1999
6
5.0 Pin Definition and Description
Total pin count: 160 pins
Symbol
Type
Pin
Description
/PWRDN
in (CMOSd)
148
Power down enable (active low)
/RESET
in (CMOSd)
149
Reset (active low)
AB
in (0.7 V)
129
Analog Blue
AC/BOUT
out (1/0.7 V p-p)
37
Analog chroma output or analog blue output
ACMP/ROUT
out (1/0.7 V p-p)
41
Analog composite output or analog red output
ADEN
in (CMOSd)
7
Internal ADC enable
0, internal ADC disable
1, internal ADC enable
AG
in (0.7 V)
132
Analog Green
AR
in (0.7 V)
137
Analog Red
AY/GOUT
out (1/0.7 V p-p)
39
Analog luma output or analog green output
BLUE<7:0>
in (CMOSd)
119-122, 124-
127
Graphic Blue input data
CLKTYPE
in (CMOSd)
152
Clock Frequency
0 - 28.63636 MHz for NTSC,
35.46895 MHz for PAL
1 - 14.31818 MHz for NTSC,
17.734475 MHz for PAL
COMP
in (0.1uF)
43
DAC Compensation pin, 0.1uF pull-up
DEC
in (CMOSsd)
4
Decrement button
GCLK
in (CMOS)
143
Graphic pixel clock
GHSDIV
out (CMOS)
146
Graphic pixel clock divide by M signal for
external PLL circuits.
GHSOUT
out (TTL)
145
Graphic hsync output buffered from external
VGA HSYNC
GHSOUT2
out (CMOS)
28
No Connection
GHSYNC
in (CMOSd)
140
Graphic Hsync
GREEN<7:0>
in (CMOSd)
109-112, 114-
117
Graphic Green input data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com