Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AL128
Description  Plug and Play VGA to NTSC/PAL Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL128 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AL128 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL128 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
AL128
April 2, 1999
13
6.1.1 24-bit RGB
The digital 24-bit RGB can be pin-to-pin wired to RED<7:0>, GREEN<7:0> and BLUE<7:0> of
the AL128.
6.1.2 VAFC
The VAFC format (16-bit, RGB565, in 64k high color) carries red signals in D15~D11, green
signals in D10~D5, and blue signals in D4~D0.
There are two ways to implement VAFC interface. The first way is to set INTYPE as 11 to
accept VAFC format, then input the 16-bit RGB565 (64k high color) to GREEN<7:0> and
BLUE<7:0> of the AL128 as follows:
The other way is to keep INTYPE setting as 00 to accept 24-bit RGB888, but connect the inputs
to the higher bits of RED<7:0>, GREEN<7:0> and BLUE<7:0> of the AL128 as follows. The
unused pins can be grounded.
D15
RED 7
D14
RED 6
D13
RED 5
D12
RED 4
D11
RED 3
D10
GREEN 7
D9
D8
D7
D6
D5
D4
BLUE 7
D3
D2
D1
D0
GREEN 6
GREEN 5
GREEN 4
GREEN 3
GREEN 2
BLUE 6
BLUE 5
BLUE 4
BLUE 3
D15
D14
D13
D12
D11
D10
D9
D8
GREEN 7
GREEN 6
GREEN 5
GREEN 4
GREEN 3
GREEN 2
GREEN 1
GREEN 0
D7
D6
D5
D4
BLUE 7
D3
D2
D1
D0
BLUE 6
BLUE 5
BLUE 4
BLUE 3
BLUE 2
BLUE 1
BLUE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com