Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1685 Datasheet HTML 1Page - Maxim Integrated Products DS1685 Datasheet HTML 2Page - Maxim Integrated Products DS1685 Datasheet HTML 3Page - Maxim Integrated Products DS1685 Datasheet HTML 4Page - Maxim Integrated Products DS1685 Datasheet HTML 5Page - Maxim Integrated Products DS1685 Datasheet HTML 6Page - Maxim Integrated Products DS1685 Datasheet HTML 7Page - Maxim Integrated Products DS1685 Datasheet HTML 8Page - Maxim Integrated Products DS1685 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1 of 33
REV: 032604
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
Incorporates Industry-Standard DS1287 PC Clock
plus Enhanced Features Such as:
§
Y2K Compliant
§
+3V or +5V Operation
§
64-Bit Silicon Serial Number
§
Power-Control Circuitry Supports System Power-
On from Date/Time Alarm or Key Closure
§
32kHz Output for Power Management
§
Crystal-Select Bit Allows RTC to Operate with
6pF or 12.5pF Crystal
§
SMI Recovery Stack
§
242 Bytes Battery-Backed NV RAM
§
Auxiliary Battery Input
§
RAM Clear Input
§
Century Register
§
Date Alarm Register
§
Compatible with Existing BIOS for Original
DS1287 Functions
§
Available as Chip (DS1685) or Stand-Alone
Encapsulated DIP (EDIP) with Embedded
Battery and Crystal (DS1687)
§
Timekeeping Algorithm Includes Leap-Year
Compensation Valid Through 2099
§
Underwriters Laboratory (UL) Recognized
APPLICATIONS
Embedded Systems
Utility Meters
Security Systems
Network Hubs, Bridges, and Routers
PIN CONFIGURATIONS
PACKAGE DIMENSION
INFORMATION
www.maxim-ic.com/DallasPackInfo
DS1685/DS1687
3V/5V Real-Time Clocks
www.maxim-ic.com
PLCC
AD0
AD1
AD2
AD3
AD4
AD5
RCLR
VBAT
IRQ
KS
RD
GND
WR
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1 28 27 26
12
13 14
15 16
17
18
N.C.
DS1685Q
DIP (0.600”)/
SO (0.300”)/
TSSOP (0.173”)
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
VCC
SQW
VBAUX
RCLR
VBAT
IRQ
KS
RD
GND
WR
PWR
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
11
12
14
13
AD7
GND
ALE
CS
DS1685/
DS1685S/
DS1685E
EDIP (740 mil)
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
V
CC
SQW
V
BAUX
RCLR
N.C.
IRQ
KS
RD
N.C.
WR
PWR
N.C.
N.C.
AD0
AD1
AD2
AD3
AD4
AD5
AD6
11
12
14
13
AD7
GND
ALE
CS
DS1687
TOP VIEW


Similar Part No. - DS1685

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
logo
Dallas Semiconductor
DS1685-3 DALLAS-DS1685-3 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
DS1685-3+ DALLAS-DS1685-3+ Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685-3+ MAXIM-DS1685-3+ Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
More results

Similar Description - DS1685

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
3V/5V Real-Time Clock
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com