Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS1685 Datasheet HTML 25Page - Maxim Integrated Products DS1685 Datasheet HTML 26Page - Maxim Integrated Products DS1685 Datasheet HTML 27Page - Maxim Integrated Products DS1685 Datasheet HTML 28Page - Maxim Integrated Products DS1685 Datasheet HTML 29Page - Maxim Integrated Products DS1685 Datasheet HTML 30Page - Maxim Integrated Products DS1685 Datasheet HTML 31Page - Maxim Integrated Products DS1685 Datasheet HTML 32Page - Maxim Integrated Products DS1685 Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
29 of 33
POWER-UP/DOWN TIMING—5V
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CS High to Power-Fail
tPF
0
ns
Recovery at Power-Up
tREC
150
ms
VCC Slew Rate Power-Down
tF
4.0
£ VCC £ 4.5V
300
ms
VCC Slew Rate Power-Down
tFB
3.0
£ VCC £ 4.0V
10
ms
VCC Slew Rate Power-Up
tR
4.5V
³ VCC ³ 4.0V
0
ms
Expected Data Retention
tDR
10
years
9, 10
POWER-UP/DOWN TIMING—3V
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CS High to Power-Fail
tPF
0
ns
Recovery at Power-Up
tREC
150
ms
VCC Slew Rate Power-Down
tF
2.5
£ VCC £ 2.7V
300
ms
VCC Slew Rate Power-Up
tR
2.7V
³ VCC ³ 2.5V
0
ms
Expected Data Retention
tDR
10
years
9, 10
WARNING: Under no circumstances are negative undershoots, of any amplitude, allowed when device is
in battery-backup mode.
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance on All Inputs
Except X1 and X2
CIN
12
pF
Output Capacitance on
IRQ,
SQW and DQ pins
COUT
12
pF
WAKE-UP/KICKSTART TIMING
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Kickstart Input Pulse Width
tKSPW
2
ms
Wake-Up/Kickstart Power On
Timeout
tPOTO
2
seconds
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com