Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button DS1685 Datasheet HTML 19Page - Maxim Integrated Products DS1685 Datasheet HTML 20Page - Maxim Integrated Products DS1685 Datasheet HTML 21Page - Maxim Integrated Products DS1685 Datasheet HTML 22Page - Maxim Integrated Products DS1685 Datasheet HTML 23Page - Maxim Integrated Products DS1685 Datasheet HTML 24Page - Maxim Integrated Products DS1685 Datasheet HTML 25Page - Maxim Integrated Products DS1685 Datasheet HTML 26Page - Maxim Integrated Products DS1685 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
23 of 33
The RTC address is latched on the falling edge of the ALE signal. Each time an RTC address is latched, the
register address stack is pushed. The stack is only four registers deep, holding the three previous RTC addresses
in addition to the current RTC address being accessed. The following waveform illustrates how the BIOS could
recover the RTC address when an SMI occurs.
1) The RTC address is latched.
2) An SMI is generated before an RTC read or write occurs.
3) RTC address 0Ah is latched and the address from 1 is pushed to the RTC Address-1 stack location. This step
is necessary to change the bank select bit, DV0 = 1.
4) RTC address 4Eh is latched and the address from “1” is pushed to location “4Eh,” “RTC Address-2” while 0Ah
is pushed to the “RTC Address-1” location. The data in this register, 4Eh, is the RTC address lost due to the
SMI.
1
2
3
4
ALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com