Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button DS1685 Datasheet HTML 25Page - Maxim Integrated Products DS1685 Datasheet HTML 26Page - Maxim Integrated Products DS1685 Datasheet HTML 27Page - Maxim Integrated Products DS1685 Datasheet HTML 28Page - Maxim Integrated Products DS1685 Datasheet HTML 29Page - Maxim Integrated Products DS1685 Datasheet HTML 30Page - Maxim Integrated Products DS1685 Datasheet HTML 31Page - Maxim Integrated Products DS1685 Datasheet HTML 32Page - Maxim Integrated Products DS1685 Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product.
No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
Ma xi m Integr at ed Pr oducts, 120 San Gabr i el Dr ive, Sunnyval e, CA 94086 40 8- 737- 7600
© 2004 Maxim Integrated Products
· Printed USA
33 of 33
PACKAGE INFORMATION
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information, go to www.maxim-ic.com/DallasPackInfo.)
24-PIN PACKAGE
DIM
MIN
MAX
A IN.
MM
1.320
33.53
1.335
33.91
B IN.
MM
0.720
18.29
0.740
18.80
C IN.
MM
0.345
8.76
0.370
9.40
D IN.
MM
0.100
2.54
0.130
3.30
E IN.
MM
0.015
0.38
0.030
0.76
F IN.
MM
0.110
2.79
0.140
3.56
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.021
0.53
NOTE: PINS 2, 3, 16, AND 20 ARE MISSING BY DESIGN.
DS1687 REAL-TIME CLOCK PLUS RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com