Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS1685 Datasheet HTML 18Page - Maxim Integrated Products DS1685 Datasheet HTML 19Page - Maxim Integrated Products DS1685 Datasheet HTML 20Page - Maxim Integrated Products DS1685 Datasheet HTML 21Page - Maxim Integrated Products DS1685 Datasheet HTML 22Page - Maxim Integrated Products DS1685 Datasheet HTML 23Page - Maxim Integrated Products DS1685 Datasheet HTML 24Page - Maxim Integrated Products DS1685 Datasheet HTML 25Page - Maxim Integrated Products DS1685 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
22 of 33
Extended Control Register 4B
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ABE
E32K
CS
RCE
PRS
RIE
WIE
KSE
ABE – Auxiliary Battery Enable. This bit when written to a logic 1 enables the VBAUX pin for extended functions.
E32K – Enable 32.768kHz output. This bit when written to a logic 1 enables the 32.768kHz oscillator frequency to
be output on the SQW pin. This bit is set to a logic 1 when VCC is applied.
CS – Crystal Select Bit. When CS is set to a 0, the oscillator is configured for operation with a crystal that has a
6pF specified load capacitance. When CS = 1, the oscillator is configured for a 12.5pF crystal. CS is disabled in the
DS1687 EDIP and should be set to CS = 0.
RCE – RAM Clear-Enable bit. When set to a 1, this bit enables a low level on
RCLR to clear all 242 bytes of user
RAM. When RCE = 0,
RCLR and the RAM clear function are disabled.
PRS – PAB Reset-Select Bit. When set to a 0, the
PWR pin is set high-Z when the DS1685 goes into power-fail.
When set to a 1, the PWR pin remains active upon entering power-fail.
RIE – Ram Clear-Interrupt Enable. When RIE is set to a 1, the
IRQ pin is driven low when a RAM clear function is
completed.
WIE – Wake-Up Alarm-Interrupt Enable. When VCC voltage is absent and WIE is set to a 1, the PWR pin is driven
active-low when a wake-up condition occurs, causing the WF bit to be set to 1. When VCC is then applied, the IRQ
pin is also driven low. If WIE is set while system power is applied, both
IRQ and PWR are driven low in response to
WF being set to 1. When WIE is cleared to a 0, the WF bit has no affect on the
PWR or IRQ pins.
KSE – Kickstart Interrupt Enable. When VCC voltage is absent and KSE is set to a 1, the PWR pin is driven active-
low when a kickstart condition occurs (
KS pulsed low), causing the KF bit to be set to 1. When VCC is then applied,
the
IRQ pin is also driven low. If KSE is set to 1 while system power is applied, both IRQ and PWR are driven low in
response to KF being set to 1. When KSE is cleared to a 0, the KF bit has no affect on the
PWR or IRQ pins.
SYSTEM MAINTENANCE INTERRUPT (SMI) RECOVERY STACK
An SMI recovery register stack is located in the extended register bank, locations 4Eh and 4Fh. This register stack,
shown below, can be used by the BIOS to recover from an SMI occurring during an RTC read or write.
RTC ADDRESS
RTC ADDRESS-1
4Eh
RTC ADDRESS-2
4Fh
RTC ADDRESS-3
SMI RECOVERY STACK
7
6
5
4
3
2
1
0
DV0
AD6
AD5
AD4
AD3
AD2
AD1
AD0
REGISTER BIT DEFINITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com