Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS1685 Datasheet HTML 20Page - Maxim Integrated Products DS1685 Datasheet HTML 21Page - Maxim Integrated Products DS1685 Datasheet HTML 22Page - Maxim Integrated Products DS1685 Datasheet HTML 23Page - Maxim Integrated Products DS1685 Datasheet HTML 24Page - Maxim Integrated Products DS1685 Datasheet HTML 25Page - Maxim Integrated Products DS1685 Datasheet HTML 26Page - Maxim Integrated Products DS1685 Datasheet HTML 27Page - Maxim Integrated Products DS1685 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
24 of 33
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground………………………………………………………………….0.3V to +6V
Operating Temperature Range, Commercial ...……………………………………………………………….0°C to +70°C
Operating Temperature Range, Industrial…………………………………………………………………...-40
°C to +85°C
Storage Temperature Range………………………………………………………………………………….-40°C to +85°C
Soldering Temperature, leads, 10 seconds (max).……………………………………………………..260°C (DIP, EDIP)
Soldering Temperature……………………………………………………………See IPC/JEDEC J-STD-020A (Note 12)
This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time can affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0°C to +70°C, TA = -40
°C to +85°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
(-5)
4.5
5.0
5.5
Power-Supply
Voltage
(-3)
VCC
2.7
3.0
3.7
V
1
Input Logic 1
VIH
2.2
VCC + 0.3
V
1
PWR
5.5
Pullup Voltage
IRQ
VPUPWR
VCC + 0.2
V
1
Input Logic 0
VIL
-0.3
0.6
V
1
Battery Voltage
VBAT
2.5
3.7
V
1
(-5)
2.5
5.2
Auxiliary Battery
Voltage
(-3)
VBAUX
2.5
3.7
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com