Electronic Components Datasheet Search
  English  ▼

X  

AY2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button AY2 Datasheet HTML 2Page - Vishay Siliconix AY2 Datasheet HTML 3Page - Vishay Siliconix AY2 Datasheet HTML 4Page - Vishay Siliconix AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix AY2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
6
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
1
Visual and mechanical examination
No visible damage.
The marking shall be legible.
Dimensions are within specification.
Capacitors shall be visually inspected for
visible evidence of defect.
Dimensions shall be measured with
calipers or micrometers.
2
Capacitance
Within the specified tolerance.
The capacitance shall be measured
at 25 °C ± 3 °C, 75 % RH maximum with
1.0 VRMS ± 0.2 VRMS, 1 kHz for Y5U, Y5S,
and 1 MHz for U2J.
3
Dissipation factor (D.F.)
U2J: 0.3 % max.
Y5U, Y5S: 2.5 % max.
The dissipation factor shall be measured
at 25 °C ± 3 °C, 75 % RH maximum with
1.0 VRMS ± 0.2 VRMS, 1 kHz for Y5U, Y5S,
and 1 MHz for U2J.
4
Insulation resistance (I.R.)
10 G
 min.
Insulation resistance shall be measured
within 60 s ± 5 s of charging at 500 VDC.
5
Dielectric strength
(between lead wires)
No damage.
2600 VAC are applied for 60 s.
50 mA max. (destructive test)
6
Temperature
characteristic
External appearance
No visible damage.
The marking shall be legible.
The capacitance shall be measured at
each step specified in table below.
The capacitance change from the value of
step 3 shall not exceed the limit specified.
Capacitance change
n/a
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Step
Temperature
Insulation resistance
10 G
 min. at 500 V
DC
60 s at 25 °C and -40 °C
500 M
 min. at 500 V
DC
60 s at 125 °C
1
25 °C ± 3 °C
2
-40 °C ± 3 °C
3
25 °C ± 3 °C
Dielectric strength
(between lead wires)
5 s 250 % rated voltage
4
125 °C ± 3 °C
5
25 °C ± 3 °C
AY2 472M
Y2 300 V~
X1 440 V~
XX
ΔΔ
10
XX - Year
ΔΔ - Week
Front
Sample
(2 sides)
Back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com