Electronic Components Datasheet Search
  English  ▼

X  

AY2 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix AY2 Datasheet HTML 10Page - Vishay Siliconix AY2 Datasheet HTML 11Page - Vishay Siliconix AY2 Datasheet HTML 12Page - Vishay Siliconix AY2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
12
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEAKAGE CURRENT VS. VOLTAGE (Typical)
IMPEDANCE VS. FREQUENCY (Typical)
Lead configuration: length = 30 mm, lead spacing: standard, lead diameter: standard, inline crimp
Note
• The capacitors meet the essential requirements of “EIA 198”. Unless stated otherwise all electrical values apply at an ambient temperature
of 25 °C ± 3 °C, at normal atmospheric conditions.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600
4700 pF
3900 pF
3300 pF
2200 pF
1500 pF
1000 pF
680 pF
470 pF
330 pF
220 pF
150 pF
AC Voltage V
RMS
60 Hz, 25 °C
0
20
40
60
80
100
120
0
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600
100 pF
68 pF
47 pF
33 pF
22 pF
10 pF
AC Voltage V
RMS
60 Hz, 25 °C
RELATED DOCUMENTS
General Information
www.vishay.com/doc?28536
CB Test Certificate
www.vishay.com/doc?22254
VDE Marks Approval
www.vishay.com/doc?22256
UL Test Certificate
www.vishay.com/doc?22253
CQC Test Certificate
www.vishay.com/doc?22255
SAMPLE KIT
Part Number
AY21-KIT-HF
Link
www.vishay.com/doc?28553
0.1
1
10
100
1
10
100
1000
f (MHz)
4.7 nF
0.68 nF
1.0 nF
2.2 nF
0.1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com