Electronic Components Datasheet Search
  English  ▼

X  

AY2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix AY2 Datasheet HTML 10Page - Vishay Siliconix AY2 Datasheet HTML 11Page - Vishay Siliconix AY2 Datasheet HTML 12Page - Vishay Siliconix AY2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
9
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
13
Resistance to
solder heat
Visual
No visible damage.
The marking shall be legible.
The lead wire shall be immersed into the
melted solder of 260 °C ± 5 °C up to about
1.5 mm to 2 mm from the main body for
10 s ± 2 s.
Inspect under 10 x magnification
Pre-treatment:
Capacitor shall be stored at 125 °C ± 5 °C
for 1 h, then placed at room condition for
24 h ± 2 h before initial measurements.
Post-treatment:
Capacitor shall be stored for 24 h ± 2 h
at room condition.
Capacitance change
Within ± 10 %
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
1 G
 min. at 500 V
DC, 60 s
Dielectric strength
(between lead wires)
No failure at 1.5 kVAC, 60 s
14
Solderability
External appearance
95 % of terminations evenly covered
with solder under 10 x magnification.
Method A at category 3, steam aging
for 8 h ± 15 min.
Solder and temperature:
a) Lead (Pb)-free solder
(Sn-3Ag-0.5Cu) 245 °C ± 5 °C
b) H63 eutectic solder 235 °C ± 5 °C
dip lead wire into an ethanol solution
of 25 % ± 0.5 % rosin and then into
molten solder for 5 s + 0 s / - 0.5 s.
Depth of immersion within 1.25 mm,
immerse and withdraw at 25 mm/s ±
6 mm/s
15
Vibration test
Visual
No visible damage.
The marking shall be legible.
Solder the capacitor and gum up the body
to the test jig by resin (adhesive).
The capacitor should be firmly soldered to
the supporting lead wire.
Vibration change from 10 Hz to 2000 Hz,
then back to 10 Hz.
Total amplitude: 1.5 mm with 5 g max.,
12 cycles, 20 min for each mutually
perpendicular directions, 3 directions.
Capacitance change
Within ± 10 %
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
10 G
 min. at 500 V
DC, 60 s
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
Thermal
screen
Capacitor
Molten
solder
1.5 mm
to 2.0 mm
Resin (adhesive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com