Electronic Components Datasheet Search
  English  ▼

X  

AY2 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix AY2 Datasheet HTML 10Page - Vishay Siliconix AY2 Datasheet HTML 11Page - Vishay Siliconix AY2 Datasheet HTML 12Page - Vishay Siliconix AY2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
10
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16
Mechanical
shock
External appearance
No visible damage.
The marking shall be legible.
Solder the capacitor and gum up the body
to the test jig by resin (adhesive).
3 shocks in 2 directions should be
applied, totally 3 mutually perpendicular
axes, 18 shocks.
Shock from: half-sine
Duration: 6 ms
Acceleration: 100 g
Capacitance change
Within the specified tolerance.
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
10 G
 min. at 500 V
DC, 60 s.
17
Resistance to
solvents
External appearance
No visible damage.
The marking shall be legible.
Leave parts in solvent for 3 to 8 min at
25 °C ± 5 °C, 1 min air-drying
Rub parts against wet bristle 10 times
(3 x for marking, 10 x for part damage)
Solvent 1:
1 part (by volume) of isopropyl alcohol,
3 parts (by volume) of mineral spirits
Solvent 2:
Terpene defluxer
Solvent 3:
42 parts (by volume) of water, 1 part (by
volume) of propylene glycol, 1 part (by
volume) of monoethanolomine
18
Temperature
cycle
Capacitance change
Within ± 10 % for U2J
Within ± 20 % for Y5U and Y5S
The capacitor should be run 1000
temperature cycles. Step as below:
Step 1
-55 °C + 0 °C / - 3 °C,
dwell time
 30 min
Step 2
Transition time
 1 min
Step 3
+125 °C + 3 °C / - 0 °C,
dwell time
 30 min
Step 4
Transition time
 1 min
Pre-treatment:
capacitor shall be stored at 125 °C ± 3 °C
for 1 h, then placed at room condition for
24 h ± 2 h before initial measurement.
Post-treatment:
capacitor shall be stored for 24 h ± 2 h at
room condition.
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
 min at 500 V
DC, 60 s
Dielectric strength
No failure at 1.5 kVAC, 60 s
External appearance
No visible damage.
The marking shall be legible.
19
High
temperature
exposure
(storage)
External appearance
No visible damage.
The marking shall be legible.
Storage capacitor at 125 °C ± 3 °C for
1000 h + 48 h / - 0 h without loading.
Pre-treatment:
capacitor shall be stored at 125 °C ± 3 °C
for 1 h, then placed at room condition for
24 h ± 2 h before initial measurement.
Post-treatment:
capacitor shall be stored for 24 h ± 2 h at
room condition.
Capacitance change
Within ± 10 % for U2J
Within ± 20 % for Y5U and Y5S
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
1 G
 min. at 500 V
DC, 60 s
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
Resin (adhesive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com