Electronic Components Datasheet Search
  English  ▼

X  

AY2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button AY2 Datasheet HTML 4Page - Vishay Siliconix AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix AY2 Datasheet HTML 10Page - Vishay Siliconix AY2 Datasheet HTML 11Page - Vishay Siliconix AY2 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
8
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
9
Humidity test
(under steady
state)
External appearance
No visible damage.
Ambient temperature: 40 °C ± 2 °C
Relative humidity: 90 % to 95 % RH
Duration: 500 h + 48 h / - 0 h
Without loading
Pre-treatment: capacitor shall be stored
at 40 °C ± 2 °C for 24 h ± 5 h before initial
measurements.
Post-treatment: capacitor shall be stored
for 2 h at room conditions before final
measurements.
Capacitance change
U2J: ± 10 %
Y5U, Y5S: ± 20 %
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
 min. at 500 V
DC, 60 s
Dielectric strength
(between lead wires)
No failure at 1.5 kVAC, 60 s
10
Humidity test
(under load
state)
External appearance
No visible damage.
The marking shall be legible.
Ambient temperature: 40 °C ± 2 °C
Relative humidity: 90 % to 95 % RH
Duration: 500 h + 48 h / - 0 h
Loading voltage: 440 VAC
Pre-treatment: capacitor shall be stored
at 40 °C ± 5 °C for 24 h ± 2 h before initial
measurements.
Post-treatment: capacitor shall be stored
for 2 h at room conditions before final
measurements.
Capacitance change
U2J: ± 10 %
Y5U, Y5S: ± 15 %
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
 min. at 500 V
DC, 60 s
Dielectric strength
(between lead wires)
No failure at 1.5 kVAC, 60 s
11
Biased
humidity
External appearance
No visible damage.
The marking shall be legible.
Loading voltage: 440 VAC
Ambient temperature: 85 °C ± 3 °C
Relative humidity: 85 % RH
Duration: 1000 h + 48 h / - 0 h
Pre-treatment: capacitor shall be stored
at 40 °C ± 5 °C for 24 h ± 2 h, then place
at room condition for 24 h ± 2 h before
initial measurements.
Post-treatment: capacitor shall be stored
for 24 h at room conditions before final
measurements.
Capacitance change
U2J: ± 10 %
Y5U, Y5S: ± 15 %
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
 min. at 500 V
DC, 60 s
Dielectric strength
(between lead wires)
No failure at 1.5 kVAC, 60 s
12
Termination
strength
Pull test
External
appearance
Lead wire should not be cut off,
capacitor should not be broken.
As a figure, fix the body of capacitor,
apply a tensile weight gradually to each
lead wire in the radial direction of
capacitor up to 20 N, and keep it for
10 s ± 1 s.
Capacitance
change
Within specification
Dissipation
factor
Within specification
Insulation
resistance
Within specification
Bending test
External
appearance
Lead wire should not be cut off,
capacitor should not be broken.
Bending each lead wire to 90° from the
lead egress with 2.5 N force, then back to
original position and bent again from the
same direction.
Totally 3 bends, 3 s each time.
1 bend: bending to 90° the return to
normal position is one bend.
Start from 1.6 mm to 3.2 mm from the
part body.
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com