Electronic Components Datasheet Search
  English  ▼

X  

AY2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 1 Page - Vishay Siliconix

  AY2 Datasheet HTML 1Page - Vishay Siliconix AY2 Datasheet HTML 2Page - Vishay Siliconix AY2 Datasheet HTML 3Page - Vishay Siliconix AY2 Datasheet HTML 4Page - Vishay Siliconix AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
1
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Grade AC Line Rated Ceramic Disc Capacitors
Class X1, 440 VAC, Class Y2, 300 VAC
OPERATING TEMPERATURE RANGE
-55 °C to +125 °C
TEMPERATURE CHARACTERISTICS
Class 1: N750 (U2J)
Class 2: Y5S, Y5U
SECTIONAL SPECIFICATIONS
Climatic category (according to EN 60058-1)
Class 1 and class 2: 40/125/21
COATING
According to UL 94 V-0
Epoxy resin, isolating, flame retardant
APPROVALS
IEC 60384-14.4
UL 60384-14
DIN EN 60384-14
CSA E60384-1:03, CSA E60384-14:09
PACKAGING
Bulk, tape and reel, taped ammopack
FEATURES
• AEC-Q200 qualified
• Withstands 85 / 85 / 1000 h test
• Can pass 3000 temperature cycles
(from -55 °C to +125 °C)
• Complying with IEC 60384-14 4th edition
• High reliability
• Vertical (inline) kinked or straight leads
• Singlelayer AC disc safety capacitors
• PPAP (AIAG version) is available
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• X1, Y2 according to IEC 60384-14.4
• Application as Y capacitors for AC line filter and
primary-secondary coupling on battery chargers for
PHEV/EV
• Application as filter capacitors on DC/DC converters for
PHEV/EV and HEV
DESIGN
The capacitor consists of a ceramic disc which is silver
plated on both sides. Connection leads are made of tin
plated copper-clad steel having a diameter of 0.6 mm.
The capacitors may be supplied with straight or kinked
leads having a lead spacing of 5 mm, 7.5 mm, or 10.0 mm.
Encapsulation is made of flame retardant epoxy resin in
accordance with UL 94 V-0.
CAPACITANCE RANGE
10 pF to 4700 pF
RATED VOLTAGE UR
IEC 60384-14.4:
(X1): 440 VAC, 50 Hz
(Y2): 300 VAC, 50 Hz
TEST VOLTAGE
Component test (100 %):
2600 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
2600 VAC, 50 Hz, 60 s
Voltage proof of coating (destructive test):
2600 VAC, 50 Hz, 60 s
INSULATION RESISTANCE
 10 000 M
CAPACITANCE TOLERANCE
± 20 % (code M); ± 10 % (code K)
DISSIPATION FACTOR
Class 1: max. 0.3 % (1 MHz)
Class 2: max. 2.5 % (1 kHz)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
U2J
U2J
Y5S, Y5U
Y5S, Y5U
Voltage (VAC)
300
440
300
440
Min. Capacitance (pF)
10
68
Max. Capacitance (pF)
47
4700
Mounting
Radial


Similar Part No. - AY2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AY2 VISHAY-AY2 Datasheet
355Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
29-Mar-18
AY2100K29U2JS6 VISHAY-AY2100K29U2JS6 Datasheet
355Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
29-Mar-18
AY2101K29Y5SS6 VISHAY-AY2101K29Y5SS6 Datasheet
355Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
29-Mar-18
AY2102#29Y5US6 VISHAY-AY2102#29Y5US6 Datasheet
355Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
29-Mar-18
AY2150K29U2JS6 VISHAY-AY2150K29U2JS6 Datasheet
355Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
29-Mar-18
More results

Similar Description - AY2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VY2102M29Y5US63V7 VISHAY-VY2102M29Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VKO VISHAY-VKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
22-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com