Electronic Components Datasheet Search
  English  ▼

X  

AY2 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix AY2 Datasheet HTML 10Page - Vishay Siliconix AY2 Datasheet HTML 11Page - Vishay Siliconix AY2 Datasheet HTML 12Page - Vishay Siliconix AY2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
11
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ESD TEST METHOD
Notes
• DC means “direct contact discharge”.
•AC means “air discharge”.
• Classify the components according to the highest ESD voltage level survived during ESD testing.
20
ESD
External appearance
No visible damage.
The marking shall be legible.
See chart “ESD Test Method” below
Capacitance change
Within ± 10 %
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
1 G
 min. at 500 V
DC, 60 s.
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
6 kV
Direct Contact
2 kV
Direct Contact
1 kV
Direct Contact
500 V
Direct Contact
1 kV
DC
2 kV
DC
4 kV
DC
4 kV
Direct Contact
12 kV
Air Discharge
< 500 V
DC
500 V
DC
FAIL
PASS
FAIL
PASS
FAIL
PASS
FAIL
PASS
8 kV
Direct Contact
6 kV
DC
8 kV
DC
12 kV
AD
25 kV
Air Discharge
16 kV
Air Discharge
16 kV
AD
≥ 25 kV
AD
FAIL
PASS
FAIL
PASS
FAIL
PASS
FAIL
PASS
FAIL
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com