Electronic Components Datasheet Search
  English  ▼

X  

GL816 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL816 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 4
2. Features
Supports PCMCIA, CompactFlash
TM
(CF), SmartMedia
TM
(SM), MemoryStick
TM
(MS), Secure Digital
TM
(SD) and Multi Media Card
TM
(MMC) interface on one chip.
Complies with 480Mbps Universal Serial Bus specification rev. 2.0.
Complies with USB Storage Class specification rev. 1.0. (Bulk only protocol).
Operating System supported: Win XP/ 2000/ Me/ 98/ 98SE; Mac OS 9.x/ X.
Supports 1 device address and up to 10 endpoints: Control (0)/ Bulk Read (1)/ Bulk
Write (2)/ Interrupt (3), and 3 optional Bulk Read/ Write endpoints pair.
Integrated USB 2.0 Transceiver Macrocell Interface (UTMI) transceiver and Serial
Interface Engine (SIE).
Integrated 8051 micro-controller with enhanced feature:
-
Supports 48MHz clock rate.
-
12 clocks per instruction cycle.
-
Embedded 24KB Mask ROM and 2KB+256B SRAM.
-
Supports external 64KB ROM/ Flash for design flexibility.
Supports firmware upgrade via USB interface.
Supports external flash read/ write for firmware upgrade and other applications.
Supports serial EEPROM 93C86 interface for the flexibility of vendor or firmware
parameters, EEPROM size up to 2KB.
High efficiency card interface hardware engine for data transfer.
Shared pins between PCMCIA and SmartMedia
TM interface.
PCMCIA interface:
-
Supports address up to 16 bits, with fix and incremental mode.
-
Supports 8 / 16 bit data mode and different timing.
-
Supports WAIT# detection.
-
Supports multi signal level (3.3 / 5V).
-
Other control signals like CD1#, CD2#, CE1#, CE2# … etc.
SmartMedia
TM interface:
-
Supports address up to 4 bytes, 8 bit data width and different speed.
-
Supports different page size, and automatic append redundant area data (8/16
bytes).
-
Hardware ECC generation and verification.
-
Supports firmware correct page ECC error capability.
-
Supports automatic page copy (source page read + destination page write).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com