Electronic Components Datasheet Search
  English  ▼

X  

GL816 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GL816 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 2
Contents
1. General Description ......................................................................................... 3
2. Features ............................................................................................................ 4
3. Function Block ................................................................................................. 6
3.1 Block Diagram .............................................................................................. 6
3.2 Functional Overview ..................................................................................... 7
4. Pinning Information ......................................................................................... 9
4.1 Pin Assignment............................................................................................. 9
4.2 Pin Description ........................................................................................... 10
5. Electrical Characteristics .............................................................................. 16
5.1 Recommended Operation Conditions......................................................... 16
5.2 DC Characteristics...................................................................................... 16
5.3 AC Electrical Characteristics ...................................................................... 16
6. Package Information...................................................................................... 21
7. Revision History............................................................................................. 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com