Electronic Components Datasheet Search
  English  ▼

X  

GL816 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 10
4.2 Pin Description
Pin#
Name
I/O
Description
Note
1
INS
B/I
MemoryStick INS
pu
2
SCLK
O
MemoryStick SCLK
3
D3
B
PCMCIA data 3 /
SmartMedia data 3
4
PCCD1#
B/I
PCMCIA CD1#
pu
5
D4
B
PCMCIA data 4 /
SmartMedia data 4
6
D11
B
PCMCIA data 11
7
D5
B
PCMCIA data 5 /
SmartMedia data 5
8
D12
B
PCMCIA data 12
9
D6
B
PCMCIA data 6 /
SmartMedia data 6
10
PGND1
P
Pad GND #1
11
D13
B
PCMCIA data 13
12
D7
B
PCMCIA data 7 /
SmartMedia data 7
GL816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com