Electronic Components Datasheet Search
  English  ▼

X  

GL816 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 7
3.2 Functional Overview
3.2.1 UTM
The USB 2.0 Transceiver Macrocell, it’s the analog circuitry that handles the low
level USB protocol and signaling, and shifts the clock domain of the data from the
USB 2.0 rate to one that is compatible with the general logic.
3.2.2 SIE
The Serial Interface Engine, which contains the USB PID and address recognition
logic, and other sequencing and state machine logic to handle USB packets and
transactions.
3.2.3 EP0 FIFO
It is composed of TX0FIFO and RX0FIFO, with 64-byte FIFO each, and it is used for
endpoint 0 data transfer.
3.2.4 EP3 FIFO
It’s an 8-byte FIFO for endpoint 3.
3.2.5 Bulk FIFO
It is composed of TXFIFO and RXFIFO for data transmission and receiving
respectively, also with different modes support:
3.2.5.1 TXFIFO:
1. To ensure the continuous data transmission, TXFIFO includes 512 bytes
DATA-A FIFO, 512 bytes DATA-B FIFO, and two 16 bytes corresponding
redundant areas. All can be directly accessed by 8051 µC.
2. Normally SIE popes data, MHE pushes data for DATA A/B FIFOs, and
redundant area is pushed by MHE when SmartMedia MIF is enabled and
popped by uC.
3. Supports uC single byte access for SmartMedia ECC error correction.
4. At transmit mode SIE won’t transmit data filled in TXFIFO before uC complete
the data integrity checking.
3.2.5.2 RXFIFO:
1. To ensure the continuous data transmission, RXFIFO includes 512 bytes
DATA-A FIFO, 512 bytes DATA-B FIFO, and 16 bytes single redundant area. All
can be directly accessed by 8051 µC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com