Electronic Components Datasheet Search
  English  ▼

X  

GL816 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 8
2. Normally MHE popes data, SIE pushes data for DATA A/B FIFOs, and
redundant area is pushed by uC and popped by MHE when SmartMedia MIF is
enabled.
3.2.5.3 Buffer Mode:
1. Buffer mode is enabled by firmware and is used to copy data block from source
to destination in same card for SmartMedia or MemoryStick applications.
2. Under Buffer mode, firmware can enable MIF to read source data block to
TXFIFO, check the data integrity, then enable MIF to write data in TXFIFO to
destination data block space on memory card.
3. For SmartMedia application, the redundant data write to destination data block
space is from redundant area of RXFIFO.
3.2.6 MHE (Media Hardware Engine)
The Media Hardware Engine contains 4 MIF (Media Interface), MHE control and
MCFIFO.
3.2.6.1 MIF (Media Interface):
There are PCMCIA MIF, SmartMedia MIF, MemoryStick MIF, and Secure Digital/
Multi Media Card MIF in MHE.
3.2.6.2 MCFIFO (Media Control FIFO):
It’s a 64-byte FIFO that shared by MemoryStick and SD/ MMC MIF. In MemoryStick
application, the MCFIFO is used for register read and write function; In SD/ MMC
application, it is used for command and response.
3.2.6.3 SMAFIFO (SmartMedia
TM Address FIFO)
It’s a 4-byte FIFO for SmartMedia address only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com