Electronic Components Datasheet Search
  English  ▼

X  

GL816 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GL816 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 5
MemoryStick
TM interface
-
Complies with MemoryStick interface specification.
-
Supports hardware BS/SDIO/SCLK signals.
-
Supports INS signal.
-
Supports automatic CRC16 generation and verification.
-
Supports hardware CMD timeout detection.
-
Supports different clock rate up to 24 MHz.
Secure Digital
TM/ Multi Media CardTM interface
-
Complies with Secure Digital / MMC interface specification.
-
Supports both SD / MMC mode access: CLK/CMD/DAT0/DAT1/DAT2/DAT3.
-
Command transmit and response receive can be enabled separately.
-
Automatic CRC7 generation for command and CRC7 verification for response on
CMD.
-
Supports automatic CRC16 generation and verification on DAT3-0.
-
In addition to full packet transaction, optional single byte/ bit operation on both
CMD and DAT line/ lines.
-
Data processing in block or byte.
-
Supports different clock rate from 375 KHz to 24 MHz
.
Dedicated power control pins for different cards and power / busy indication.
Build-in power-on reset (POR) and low-voltage detector (LVD).
3.3 Volt operation.
Pin assignment fits to card sockets to provide easier PCB layout.
Supports 8 additional GPIOs and firmware controllable CD, CE pins.
Available in 128-pin LQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com