Electronic Components Datasheet Search
  English  ▼

X  

GL816 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 19
Parameter
Description
Mode
Min
Typ
Max
Normal
165
Tcw
CLE active width
Slow
198
Normal
100
Twc
Write data cycle time
Slow
166
Normal
66
Tww
Write pulse width
Slow
100
Tcd
CLE-to-command delay
33.3
Normal
67
Tdw
Data width
Slow
100
Tad
ALE-to-address delay
33.3
Tai
Address data interval time
33.3
Tdp
Data pre-output delay
33.3
Tdd
Data delay time
33.3
Normal
133.3
Tcr
Read data cycle time
Slow
166.6
Trw
Read pulse width
100
Tds
Data setup time
40
Tdh
Data hold time
2
5.3.5 MemoryStick
BS
llrhhhhhhhhhhhhhhhfllllllllll
SCLK
lllrfrfrfrfrfrfrfrfrfrfrfrfrf
SDIO
ddddxdddddddddddddddxdddddddd
Parameter
Description
Mode
Typ
Unit
Remark
0
1.5M
1
6M
2
15M
Fck
SCLK frequency
3
24M
Hz
5.3.6 Secure Digital / MultiMedia Card
CMD
dddxdxdxdddddddddddddddddxdddd
CLK
rfrfrfrfrfrfrfrfrfrfrfrfrfrfrf
DAT
dddddddddddddxdddddddddddxdddd
Unit: ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com