Electronic Components Datasheet Search
  English  ▼

X  

LINR7 Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # LINR7
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR7 Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button LINR7 Datasheet HTML 33Page - fujitsu semiconductor LINR7 Datasheet HTML 34Page - fujitsu semiconductor LINR7 Datasheet HTML 35Page - fujitsu semiconductor LINR7 Datasheet HTML 36Page - fujitsu semiconductor LINR7 Datasheet HTML 37Page - fujitsu semiconductor LINR7 Datasheet HTML 38Page - fujitsu semiconductor LINR7 Datasheet HTML 39Page - fujitsu semiconductor LINR7 Datasheet HTML 40Page - fujitsu semiconductor LINR7 Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
37
0004ECH
CAL - Duration Timer Data Register Low
CUTDL
CUTD
R/W
0004EDH
CAL - Duration Timer Data Register High
CUTDH
R/W
0004EEH
CAL - Calibration Timer Register 2 Low
CUTR2L
CUTR2
R
0004EFH
CAL - Calibration Timer Register 2 High
CUTR2H
R
0004F0H
CAL - Calibration Timer Register 1 Low
CUTR1L
CUTR1
R
0004F1H
CAL - Calibration Timer Register 1 High
CUTR1H
R
0004F2H-
0004F9H
Reserved
-
0004FAH
RLT - Timer input select (for Cascading)
TMISR
R/W
0004FBH-
0004FFH
Reserved
-
000500H
FRT2 - Data register of free-running timer
TCDT2
R/W
000501H
FRT2 - Data register of free-running timer
R/W
000502H
FRT2 - Control status register of free-running timer
Low
TCCSL2
TCCS2
R/W
000503H
FRT2 - Control status register of free-running timer
High
TCCSH2
R/W
000504H
FRT3 - Data register of free-running timer
TCDT3
R/W
000505H
FRT3 - Data register of free-running timer
R/W
000506H
FRT3 - Control status register of free-running timer
Low
TCCSL3
TCCS3
R/W
000507H
FRT3 - Control status register of free-running timer
High
TCCSH3
R/W
000508H-
00050DH
Reserved
-
00050EH
OCU10 - Output Compare Control Status
OCS10
R/W
00050FH
OCU11 - Output Compare Control Status
OCS11
R/W
000510H
OCU10 - Compare Register
OCCP10
R/W
000511H
OCU10 - Compare Register
R/W
000512H
OCU11 - Compare Register
OCCP11
R/W
000513H
OCU11 - Compare Register
R/W
000514H
ICU8/ICU9 - Control Status Register
ICS89
R/W
000515H
ICU8/ICU9 - Edge Register
ICE89
R/W
I/O map MB96(F)32x (18 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com