Electronic Components Datasheet Search
  English  ▼

X  

LINR7 Datasheet(PDF) 74 Page - fujitsu semiconductor

Part # LINR7
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR7 Datasheet(HTML) 74 Page - fujitsu semiconductor

Back Button LINR7 Datasheet HTML 70Page - fujitsu semiconductor LINR7 Datasheet HTML 71Page - fujitsu semiconductor LINR7 Datasheet HTML 72Page - fujitsu semiconductor LINR7 Datasheet HTML 73Page - fujitsu semiconductor LINR7 Datasheet HTML 74Page - fujitsu semiconductor LINR7 Datasheet HTML 75Page - fujitsu semiconductor LINR7 Datasheet HTML 76Page - fujitsu semiconductor LINR7 Datasheet HTML 77Page - fujitsu semiconductor LINR7 Datasheet HTML 78Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
MB96320 Series
74
FME-MB96320 rev 7
External Bus timing
Note: The values given below are for an I/O driving strength IOdrive = 5mA. If IOdrive is 2mA, all the maximum output
timing described in the different tables must then be increased by 10ns.
Basic Timing
(TA
=−40 °Cto +125 °C, VCC = 5.0 V ± 10%,VSS = 0.0 V, IOdrive =5mA,CL = 50pF)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
ECLK
tCYC
ECLK
⎯
25
⎯
ns
tCHCL
tCYC/2-5
tCYC/2+5
tCLCH
tCYC/2-5
tCYC/2+5
ECLK
→
UBX/ LBX / CSn time
tCHCBH
CSn, UBX,
LBX, ECLK
⎯
-20
20
ns
tCHCBL
-20
20
tCLCBH
-20
20
tCLCBL
-20
20
ECLK
→ ALE time
tCHLH
ALE, ECLK
⎯
-10
10
ns
tCHLL
-10
10
tCLLH
-10
10
tCLLL
-10
10
ECLK
→ address valid time
tCHAV
A[23:16],
ECLK
⎯
-15
15
ns
tCLAV
-15
15
tCLADV
AD[15:0],
ECLK
⎯
-15
15
ns
tCHADV
-15
15
ECLK
→ RDX /WRX time
tCHRWH
RDX, WRX,
WRLX,WRHX,
ECLK
⎯
-10
10
ns
tCHRWL
-10
10
tCLRWH
-10
10
tCLRWL
-10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com