Electronic Components Datasheet Search
  English  ▼

X  

LINR7 Datasheet(PDF) 60 Page - fujitsu semiconductor

Part # LINR7
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR7 Datasheet(HTML) 60 Page - fujitsu semiconductor

Back Button LINR7 Datasheet HTML 56Page - fujitsu semiconductor LINR7 Datasheet HTML 57Page - fujitsu semiconductor LINR7 Datasheet HTML 58Page - fujitsu semiconductor LINR7 Datasheet HTML 59Page - fujitsu semiconductor LINR7 Datasheet HTML 60Page - fujitsu semiconductor LINR7 Datasheet HTML 61Page - fujitsu semiconductor LINR7 Datasheet HTML 62Page - fujitsu semiconductor LINR7 Datasheet HTML 63Page - fujitsu semiconductor LINR7 Datasheet HTML 64Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
MB96320 Series
60
FME-MB96320 rev 7
3. DC characteristics
(TA = -40˚C to 125˚C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input H voltage
VIH
Port inputs
Pnn_m
CMOS Hysteresis
0.8/0.2 input se-
lected
0.8
VCC
-
VCC +
0.3
V
CMOS Hysteresis
0.7/0.3 input se-
lected
0.7
VCC
-
VCC +
0.3
VVCC
≥ 4.5V
0.74
VCC
-
VCC +
0.3
VVCC < 4.5V
AUTOMOTIVE
Hysteresis input
selected
0.8
VCC
-
VCC +
0.3
V
TTL input select-
ed
2.0
-
VCC +
0.3
V
VIHX0F
X0
External clock in
“Fast Clock Input
mode”
0.8
VCC
-
VCC +
0.3
V
VIHX0S
X0,X1,
X0A,X1A
External clock in
“oscillation mode”
2.5
-
VCC +
0.3
V
VIHR
RSTX
-
0.8
VCC
-
VCC +
0.3
V
CMOS Hysteresis in-
put
VIHM
MD2-MD0
-
VCC -
0.3
-
VCC +
0.3
V
Input L voltage
VIL
Port inputs
Pnn_m
CMOS Hysteresis
0.8/0.2 input se-
lected
VSS -
0.3
-
0.2
VCC
V
CMOS Hysteresis
0.7/0.3 input se-
lected
VSS -
0.3
-
0.3
VCC
V
AUTOMOTIVE
Hysteresis input
selected
VSS -
0.3
-
0.5
VCC
VVCC
≥ 4.5V
VSS -
0.3
-
0.46
VCC
VCC < 4.5V
TTL input select-
ed
VSS -
0.3
-
0.8
V
VILX0F
X0
External clock in
“Fast Clock Input
mode”
VSS -
0.3
-
0.2 VCC
V
VILX0S
X0,X1,
X0A,X1A
External clock in
“oscillation mode”
VSS -
0.3
-
0.4
V
VILR
RSTX
-
VSS -
0.3
-
0.2 VCC
V
CMOS Hysteresis in-
put
VILM
MD2-MD0
-
VSS -
0.3
-
VSS +
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com