Electronic Components Datasheet Search
  English  ▼

X  

LINR7 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # LINR7
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR7 Datasheet(HTML) 3 Page - fujitsu semiconductor

  LINR7 Datasheet HTML 1Page - fujitsu semiconductor LINR7 Datasheet HTML 2Page - fujitsu semiconductor LINR7 Datasheet HTML 3Page - fujitsu semiconductor LINR7 Datasheet HTML 4Page - fujitsu semiconductor LINR7 Datasheet HTML 5Page - fujitsu semiconductor LINR7 Datasheet HTML 6Page - fujitsu semiconductor LINR7 Datasheet HTML 7Page - fujitsu semiconductor LINR7 Datasheet HTML 8Page - fujitsu semiconductor LINR7 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
3
CAN
•
Supports CAN protocol version 2.0 part A and B
•
ISO16845 certified
•
Bit rates up to 1 Mbit/s
•
32 message objects
•
Each message object has its own identifier mask
•
Programmable FIFO mode (concatenation of message objects)
•
Maskable interrupt
•
Disabled Automatic Retransmission mode for Time Triggered CAN applications
•
Programmable loop-back mode for self-test operation
USART
•
Full duplex USARTs (SCI/LIN)
•
Wide range of baud rate settings using a dedicated reload timer
•
Special synchronous options for adapting to different synchronous serial protocols
•
LIN functionality working either as master or slave LIN device
I2C
•
Up to 400 kbps
•
Master and Slave functionality, 7-bit and 10-bit addressing
A/D converter
•
SAR-type
•
10-bit resolution
•
Signals interrupt on conversion end, single conversion mode, continuous conversion
mode, stop conversion mode, activation by software, external trigger or reload timer
Reload Timers
•
16-bit wide
•
Prescaler with 1/21, 1/22, 1/23, 1/24, 1/25, 1/26 of peripheral clock frequency
•
Event count function
Free Running Timers
•
Signals an interrupt on overflow, supports timer clear upon match with Output
Compare (0, 4), Prescaler with 1, 1/21, 1/22, 1/23, 1/24, 1/25, 1/26, 1/27,1/28 of
peripheral clock frequency
Input Capture Units
•
16-bit wide
•
Signals an interrupt upon external event
•
Rising edge, falling edge or rising & falling edge sensitive
Output Compare Units
•
16-bit wide
•
Signals an interrupt when a match with 16-bit I/O Timer occurs
•
A pair of compare registers can be used to generate an output signal.
Programmable Pulse
Generator
•
16-bit down counter, cycle and duty setting registers
•
Interrupt at trigger, counter borrow and/or duty match
•
PWM operation and one-shot operation
•
Internal prescaler allows 1, 1/4, 1/16, 1/64 of peripheral clock as counter clock and
Reload timer underflow as clock input
•
Can be triggered by software or reload timer
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com