Electronic Components Datasheet Search
  English  ▼

X  

LINR7 Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # LINR7
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR7 Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button LINR7 Datasheet HTML 10Page - fujitsu semiconductor LINR7 Datasheet HTML 11Page - fujitsu semiconductor LINR7 Datasheet HTML 12Page - fujitsu semiconductor LINR7 Datasheet HTML 13Page - fujitsu semiconductor LINR7 Datasheet HTML 14Page - fujitsu semiconductor LINR7 Datasheet HTML 15Page - fujitsu semiconductor LINR7 Datasheet HTML 16Page - fujitsu semiconductor LINR7 Datasheet HTML 17Page - fujitsu semiconductor LINR7 Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
MB96320 Series
14
FME-MB96320 rev 7
■ I/O CIRCUIT TYPE
Type
Circuit
Remarks
A
High-speed oscillation circuit:
• Programmable between oscillation mode (ex-
ternal crystal or resonator connected to X0/X1
pins) and Fast external Clock Input (FCI) mode
(external clock connected to X0 pin)
• Programmable feedback resistor = approx.
2 * 0.5 M
Ω. Feedback resistor is grounded in
the center when the oscillator is disabled or in
FCI mode
B
Low-speed oscillation circuit:
• Programmable feedback resistor = approx.
2*5M
Ω. Feedback resistor is grounded in the
center when the oscillator is disabled
C
• Mask ROM and EVA device:
CMOS Hysteresis input pin
• Flash device:
CMOS input pin
E
• CMOS Hysteresis input pin
• Pull-up resistor value: approx. 50 k
Ω
X1
X0
R
R
MRFBE
Xout
FCI
0
1
FCI or osc disable
X1A
X0A
R
R
SRFBE
Xout
osc disable
R
Hysteresis
inputs
R
Pull-up
Resistor
Hysteresis
inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com