Electronic Components Datasheet Search
  English  ▼

X  

LINR7 Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # LINR7
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR7 Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button LINR7 Datasheet HTML 12Page - fujitsu semiconductor LINR7 Datasheet HTML 13Page - fujitsu semiconductor LINR7 Datasheet HTML 14Page - fujitsu semiconductor LINR7 Datasheet HTML 15Page - fujitsu semiconductor LINR7 Datasheet HTML 16Page - fujitsu semiconductor LINR7 Datasheet HTML 17Page - fujitsu semiconductor LINR7 Datasheet HTML 18Page - fujitsu semiconductor LINR7 Datasheet HTML 19Page - fujitsu semiconductor LINR7 Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
MB96320 Series
16
FME-MB96320 rev 7
I
• CMOS level output (programmable IOL =5mA,
IOH = -5mA and IOL = 2mA, IOH = -2mA)
• 2 different CMOS hysteresis inputs with input
shutdown function
• Automotive input with input shutdown function
• TTL input with input shutdown function.
• Programmable pull-up resistor: 50k
Ω approx.
• Analog input
N
• CMOS level output (IOL = 3mA, IOH = -3mA)
• 2 different CMOS hysteresis inputs with input
shutdown function
• Automotive input with input shutdown function
• TTL input with input shutdown function
• Programmable pull-up resistor: 50k
Ω approx.
*1: N-channel transistor has slew rate control ac-
cording to I2C spec, irrespective of usage
Type
Circuit
Remarks
R
Hysteresis input
Hysteresis input
Standby control
for input shutdown
Standby control
for input shutdown
Standby control
for input shutdown
Standby control
for input shutdown
Pull-up control
Pout
Nout
Automotive input
TTL input
Analog input
Pout
pull-up control
Nout *1
R
Hysteresis input
Automotive input
TTL input
Hysteresis input
Standby control
for input shutdown
Standby control
for input shutdown
Standby control
for input shutdown
Standby control
for input shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com