Electronic Components Datasheet Search
  English  ▼

X  

LINR7 Datasheet(PDF) 79 Page - fujitsu semiconductor

Part # LINR7
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR7 Datasheet(HTML) 79 Page - fujitsu semiconductor

Back Button LINR7 Datasheet HTML 75Page - fujitsu semiconductor LINR7 Datasheet HTML 76Page - fujitsu semiconductor LINR7 Datasheet HTML 77Page - fujitsu semiconductor LINR7 Datasheet HTML 78Page - fujitsu semiconductor LINR7 Datasheet HTML 79Page - fujitsu semiconductor LINR7 Datasheet HTML 80Page - fujitsu semiconductor LINR7 Datasheet HTML 81Page - fujitsu semiconductor LINR7 Datasheet HTML 82Page - fujitsu semiconductor LINR7 Datasheet HTML 83Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
79
Valid address
⇒ RDX ↓ time
tAVRL
RDX, A[23:16]
EACL:ACE=0
3tCYC/2
− 20
⎯
ns
EACL:ACE=1
5tCYC/2
− 20
⎯
tADVRL RDX, AD[15:0]
EACL:ACE=0
tCYC
− 20
⎯
ns
EACL:ACE=1
2tCYC
− 20
⎯
Valid address
⇒ Valid data input
tAVDV
A[23:16],
AD[15:0]
EACL:ACE=0
⎯
3tCYC
− 60
ns
w/o cycle
extension
EACL:ACE=1
⎯
4tCYC
− 60
tADVDV AD[15:0]
EACL:ACE=0
⎯
5tCYC/2
− 60
ns
w/o cycle
extension
EACL:ACE=1
⎯
7tCYC/2
− 60
RDX pulse width
tRLRH RDX
⎯
3tCYC/2
− 8
⎯
ns
w/o cycle
extension
RDX
↓⇒ Valid data input tRLDV RDX, AD[15:0]
⎯⎯
3tCYC/2
− 55 ns
w/o cycle
extension
RDX
↑⇒ Data hold time
tRHDX RDX, AD[15:0]
⎯
0
⎯
ns
Address valid
⇒ Data hold
time
tAXDX A[23:16]
⎯
0
⎯
ns
RDX
↑⇒ ALE ↑ time
tRHLH RDX, ALE
EACL:STS=1 and
EACL:ACE=1
3tCYC/2
− 15
⎯
ns
other ECL:STS,
EACL:ACE setting
tCYC/2
− 15
⎯
Valid address
⇒ ECLK ↑ time
tAVCH A[23:16], ECLK
⎯
tCYC
− 20
⎯
ns
tADVCH AD[15:0], ECLK
tCYC/2
− 20
⎯
RDX
↓⇒ ECLK ↑ time
tRLCH RDX, ECLK
⎯
tCYC/2
− 15
⎯
ns
ALE
↓⇒ RDX ↓ time
tLLRL ALE, RDX
EACL:STS=0
tCYC/2
− 15
⎯
ns
EACL:STS=1
− 15
⎯
ECLK
↑⇒ Valid data input tCHDV AD[15:0], ECLK
⎯⎯
tCYC
− 55
ns
(TA
=−40 °Cto +125 °C, VCC = 3.0 to 4.5V, VSS = 0.0 V, IOdrive = 5mA, CL = 50pF)
Parameter
Sym-
bol
Pin
Conditions
Value
Unit
Remarks
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com