Electronic Components Datasheet Search
  English  ▼

X  

THCV218 Datasheet(PDF) 7 Page - THine Electronics, Inc.

Part # THCV218
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV218 Datasheet(HTML) 7 Page - THine Electronics, Inc.

Back Button THCV218 Datasheet HTML 3Page - THine Electronics, Inc. THCV218 Datasheet HTML 4Page - THine Electronics, Inc. THCV218 Datasheet HTML 5Page - THine Electronics, Inc. THCV218 Datasheet HTML 6Page - THine Electronics, Inc. THCV218 Datasheet HTML 7Page - THine Electronics, Inc. THCV218 Datasheet HTML 8Page - THine Electronics, Inc. THCV218 Datasheet HTML 9Page - THine Electronics, Inc. THCV218 Datasheet HTML 10Page - THine Electronics, Inc. THCV218 Datasheet HTML 11Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
7
THine Electronics, Inc.
Security E
THCV218
THCV218 Pin Description
PIN Name
Ball #
Type*
Description
RX0n,RX0p
F1,F2
CI
CML input for Lane0
RX1n,RX1p
H1,H2
CI
CML input for Lane1. Must be left OPEN when not used.
R19-R10
A13,B12,B13,
C12,C13,D12,
D13,E12,E13,F13
O3
1st pixel data outputs
G19-G10
A7,B8,A8,B9,
A9,B10,A10,
B11,A11,A12
O3
1st pixel data outputs
B19-B10
A2,B3,A3,B4,
A4,B5,A5,
B6,A6,B7
O3
1st pixel data outputs
CONT11,12
C1,C2
O3
User defined data outputs. Active only in 10bit mode.
R29-R20
M6,N6,M5,N5,
M4,N4,M3,
N3,M2,N2
O3
2nd pixel data outputs
G29-G20
M11,N11,M10,
N10,M9,N9,
M8,N8,M7,N7
O3
2nd pixel data outputs
B29-B20
J12,J13,K12,
K13,L12,L13,
M12,M13,N12,N13
O3
2nd pixel data outputs
CONT21,22
H13,H12
O3
User defined data outputs. Active only in 10bit mode.
DE
B1
O3
DE Output
VSYNC
B2
O3
Vsync Output
HSYNC
A1
O3
Hsync Output
CLKOUT
G13
O3
Pixel clock output
HTPDN
D1
OD3
Hot plug detect output.
Must be connected to Tx HTPDN with a 10kW pull-up resistor.
Hi-Z : when PDN=L, L: when PDN=H
LOCKN
D2
OD3
Lock detect output.
Must be connected to Tx LOCKN with a 10kW pull-up resistor.
It drives Low when the CDR locks to the incoming data.
PDN
L1
I3
Power down input
H: Normal operation
L: Power Down
COL
L3
I3
Color depth select input
H: 8bit mode
L: 10bit mode
BET
J2
I3L
Field BET enable
H: Enable
L: Normal Operation
When BET=High, Reserved7 must be Low.
MODE1,0
J1,K2
I3
Operation mode select input
HH: Reserved (Forbidden)
HL: Single-in/Single-out
LH: Dual-in/Single-out
LL: Dual-in/Dual-out
*type symbol
CI=CML Input, OD3=3.3V Open drain output, O3=3.3V CMOS output
I3=3.3V CMOS input, I3L=Low speed 3.3V CMOS input, I3PU=3.3V CMOS inout with an on-chip pullup resistor
P=1.8v power supply, P3=3.3v power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com