Electronic Components Datasheet Search
  English  ▼

X  

THCV218 Datasheet(PDF) 16 Page - THine Electronics, Inc.

Part # THCV218
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV218 Datasheet(HTML) 16 Page - THine Electronics, Inc.

Back Button THCV218 Datasheet HTML 12Page - THine Electronics, Inc. THCV218 Datasheet HTML 13Page - THine Electronics, Inc. THCV218 Datasheet HTML 14Page - THine Electronics, Inc. THCV218 Datasheet HTML 15Page - THine Electronics, Inc. THCV218 Datasheet HTML 16Page - THine Electronics, Inc. THCV218 Datasheet HTML 17Page - THine Electronics, Inc. THCV218 Datasheet HTML 18Page - THine Electronics, Inc. THCV218 Datasheet HTML 19Page - THine Electronics, Inc. THCV218 Datasheet HTML 20Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
16
THine Electronics, Inc.
Security E
DGLOCK
In order to reduce the number of cables needed for HTPDN and LOCKN in multiple-Rx chip configuration,
THCV218 is equipped with the DGLOCK pin. When all the DGLOCK pins are connected as in Figure 9, the
connected Rx chips can share the CDR lock status, making all the Rx chips in the same operation status.
HTPDN
LOCKN
RX0p/n
RX1p/n
RX2p/n
RX3p/n
Open
V-by-One
Rx
V-by-One
Rx
HTPDN
LOCKN
DGLOCK
V-by-One
Tx
DGLOCK
HTPDN
LOCKN
Open
Figure 9. Usage of DGLOCK in multiple-Rx configuration
PLL Frequency Range Select
The THCV218’s PLL input pin selects the operating frequency range of THCV218. Table 6 shows the
selectable frequency ranges for operation modes.
Operation Mode
PLL
CLKOUT
Dual-in/Dual-out
H
20 to 40MHz
L
40 to 85MHz
Dual-in/Single-out
H
Forbidden
L
40 to 170MHz
Single-in/Single-out
H
20 to 40MHz
L
40 to 85MHz
Table 6. Frequency range select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com